Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35054 Datasheet HTML 1Page - Renesas Technology Corp M35054 Datasheet HTML 2Page - Renesas Technology Corp M35054 Datasheet HTML 3Page - Renesas Technology Corp M35054 Datasheet HTML 4Page - Renesas Technology Corp M35054 Datasheet HTML 5Page - Renesas Technology Corp M35054 Datasheet HTML 6Page - Renesas Technology Corp M35054 Datasheet HTML 7Page - Renesas Technology Corp M35054 Datasheet HTML 8Page - Renesas Technology Corp M35054 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
DESCRIPTION
The M35054-XXXFP and M35055-XXXFP are TV screen display con-
trol IC which can be used to display information such as number of
channels, the date and messages and program schedules on the TV
screen.
In particular, owing to the built-in SYNC-SEP (synchronous separa-
tion) circuit, the synchronous correction circuit, external circuits can
be decrease and character turbulence that occurs when superim-
posing can be reduced. The processor is suitable for AV systems
such as VTRs, LDs, and so on.
It is a silicon gate CMOS process and M35054-XXXFP and M35055-
XXXFP are housed in a 20-pin shrink SOP package.
For M35054-001FP/M35055-001FP that are a standard ROM ver-
sions of M35054-XXXFP/M35055-XXXFP respectively, the charac-
ter pattern is also mentioned.
FEATURES
Screen composition .............................. 24 characters ✕ 10 lines,
32 characters ✕ 7 lines
Number of characters displayed .................................. 240 (Max.)
Character composition ..................................... 12 ✕ 18 dot matrix
Characters available ............................. 128 characters (M35054)
............................. 256 characters (M35055)
Character sizes available .................... 4 (horizontal) ✕ 4 (vertical)
Display locations available
Horizontal direction ............................................... 240 locations
Vertical direction ................................................... 256 locations
Blinking ................................................................. Character units
Cycle : approximately 1 second, or approximately 0.5 seconds
Duty : 25%, 50%, or 75%
Data input.............................. By the serial input function (16 bits)
Coloring
Background coloring (composite video signal)
Blanking
Total blanking (14 ✕ 18 dots)
Border size blanking
Character size blanking
Synchronizing signal
Composite synchronizing signal generation
(PAL, NTSC, M-PAL)
2 output ports (1 digital line)
Oscillation stop function
It is possible to stop the oscillation for synchronizing signal
generation
Built-in half-tone display function
Built-in reversed character display function
Built-in synchronous correction circuit
Built-in synchronous separation circuit
APPLICATION
TV, VCR, Movie
PIN CONFIGURATION (TOP VIEW)
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
CP1
TESTA
CS
SCK
SIN
AC
VDD2
CVIDEO
LECHA
CVIN
VDD1
HOR
CP2
OSCIN
VSS
P1
P0
TESTB
TESTC
VSS
Outline 20P2Q-A
REV.1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com