Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 20Page - Renesas Technology Corp M35054 Datasheet HTML 21Page - Renesas Technology Corp M35054 Datasheet HTML 22Page - Renesas Technology Corp M35054 Datasheet HTML 23Page - Renesas Technology Corp M35054 Datasheet HTML 24Page - Renesas Technology Corp M35054 Datasheet HTML 25Page - Renesas Technology Corp M35054 Datasheet HTML 26Page - Renesas Technology Corp M35054 Datasheet HTML 27Page - Renesas Technology Corp M35054 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
23
Fig. 12 Character font and border
(1) Border display (set by register BLK0, 1 (address F816))
(2) Cursor display (Border display)
CHARACTER FONT
Images are composed on a 12 ! 18 dot matrix, and characters can
be linked vertically and horizontally with other characters to allow the
display the continuous symbols.
Character code “FF16” is so fixed as to be blank and to have no
background, thus cannot assign a character font to this code.
Note: Hatching represents border.
12 dots
Positioning the
cursor at the
17th dot.
Positioning the
cursor at the
18th dot.
Character
Note: When the cursor positioning
at the bottom (18th) dot, no
border is left at the bottom.
When the character extends to the
top dot of the matrix, no border is
left at the top.
When the character extends to
the bottom (18th) dot of the matrix,
no border is left at the bottom.
Register CL17/18 =“0”
Register CL17/18 (address F716) = “0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com