Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 8Page - Renesas Technology Corp M35054 Datasheet HTML 9Page - Renesas Technology Corp M35054 Datasheet HTML 10Page - Renesas Technology Corp M35054 Datasheet HTML 11Page - Renesas Technology Corp M35054 Datasheet HTML 12Page - Renesas Technology Corp M35054 Datasheet HTML 13Page - Renesas Technology Corp M35054 Datasheet HTML 14Page - Renesas Technology Corp M35054 Datasheet HTML 15Page - Renesas Technology Corp M35054 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
11
Register
DSP0
DSP1
DSP2
DSP3
DSP4
DSP5
DSP6
DSP7
DSP8
DSP9
SPACE
TEST34
TEST35
TEST36
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Normal display
Put a space line between line 2 and line 3, and
between line 8 and line 9.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
DSPn= “0”
Matrix-outline size
Character size
Border size
Matrix-outline size
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn= “1”
Matrix-outline border
size
Border size
Matrix-outline size
Character size
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(5) Address F416
Depends on BLK0 and BLK1 (address F816)
DSPn in the generic name for DSP0 to DSP9.
DSP0 to DSP9 are each controlled independently.
Remarks
Set the display mode of line 1.
Set the display mode of line 2.
Set the display mode of line 3.
Set the display mode of line 4.
Set the display mode of line 5.
Set the display mode of line 6.
Set the display mode of line 7.
Set the display mode of line 8.
Set the display mode of line 9.
Set the display mode of line 10.
Put a space line between line 2
and line 3 in displaying 32
characters.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com