Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 6Page - Renesas Technology Corp M35054 Datasheet HTML 7Page - Renesas Technology Corp M35054 Datasheet HTML 8Page - Renesas Technology Corp M35054 Datasheet HTML 9Page - Renesas Technology Corp M35054 Datasheet HTML 10Page - Renesas Technology Corp M35054 Datasheet HTML 11Page - Renesas Technology Corp M35054 Datasheet HTML 12Page - Renesas Technology Corp M35054 Datasheet HTML 13Page - Renesas Technology Corp M35054 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
9
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
VP0
(LSB)
VP1
VP2
VP3
VP4
VP5
VP6
VP7
(MSB)
TEST22
TEST23
TEST24
TEST25
TEST26
TEST27
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let vertical display start position be VS,
VS = H !
Σ 2nVPnVS
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
It should be fixed to “0”.
Can not be used.
(3) Address F216
Remarks
Set the vertical display start
position by use of VP7 through
VP0. VP7 to VP0 = (00000000)
to (00000110) setting is
forbidden.
It can be set this up to 249 steps
in increments of one H.
VP7 to VP0 = (00000000) to
(00100011) setting is forbidden.
H : The oscillation cycle of horizontal
synchronous signal
7
n=0
VS
HS
HOR
Character
displaying
area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com