Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 17Page - Renesas Technology Corp M35054 Datasheet HTML 18Page - Renesas Technology Corp M35054 Datasheet HTML 19Page - Renesas Technology Corp M35054 Datasheet HTML 20Page - Renesas Technology Corp M35054 Datasheet HTML 21Page - Renesas Technology Corp M35054 Datasheet HTML 22Page - Renesas Technology Corp M35054 Datasheet HTML 23Page - Renesas Technology Corp M35054 Datasheet HTML 24Page - Renesas Technology Corp M35054 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
20
DATA INPUT EXAMPLE
Data of display RAM and display control registers can be set by then
serial input function.
Owing to automatic address increment, not necessary to enter ad-
dresses for the second and subsequent data.
In automatically, the next of address F816 is assigned to address
0016.
Fig. 9 shows an example of data setting by the serial input function
(M35054-XXXFP), Fig. 10 shows an example of data setting by the
serial input function (M35055-XXXFP).
Fig. 9 Example of data setting by the serial input function (M35054-XXXFP)
Address/Data
Data(F116)
Data(F216)
Data(F316)
Data(F416)
Data(F516)
Data(F616)
Data(F716)
Data(F816)
Data(F016)
Spplemental explanation
Data contewts
NO.
1 Address(F816) Address setting
Data(F816)
Data(0016)
2
3
4
241
Data(0116)
Data(EF16)
Display OFF
Display RAM
address 0016
to EF16 setting
Display ON
Data(EE16)
242
243
244
245
246
247
248
249
250
251
Register
address F016
to F716 setting
DA DA
DA
FE
D
00
00
0
00
0
00
0
00
0
0
00
0
00
0
00
0
00
0
00
0
00
0
00
0
00
1
00
0
00
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
DA
C
B
A
98
7
6
54
32
1
0
00
0
00
0
0
0
11111
0
0
0
0
0
00000
0
0
0
C6
C5
C4
C3
C2
C0
C1
B
BLINK
GR
REV
C6
C5
C4
C3
C2
C0
C1
BLINK
REV
C6
C5
C4
C3
C2
C0
C1
BLINK
REV
C6
C5
C4
C3
C2
C0
C1
BLINK
REV
HP
HP
HP
HP
HP
VSZ VSZ VSZ VSZ HSZ
SPACE
DSP DSP DSP DSP DSP DSP DSP
EQP PALH MPAL /NON N/P
TEST TEST TEST
LBLACK
LIN
BLKHF
BB
BG
BR
LEVEL PHASE
LEVEL
RAM
DSPON
STOP STOP
SCOR
00
HP
HSZ
DSP
BLINK
EX
HP
HSZ
DSP
BLINK
BLK
PTC
HP
HSZ
DSP
BLINK
BLK
CURS
0
PTC
1
PTD
0
PTD
1
0
1
2
3
4
5
6
7
VP
VP
VP
VP
VP
VP
VP
VP
0
1
2
3
4
5
6
7
10
11
20
21
10
11
20
21
0
0
0
1
2
3
4
5
6
7
8
9
0
0
1
2
0
1
2
0
PHASE PHASE
0
1
2
0
1
IN
1
ERS
24/32
1
1
CURS CURS CURS CURS CURS CURS
CURS
0
1
2
3
4
5
6
7
INT
01
0
00
00
CBLINK
CL
17/18
RGBON
0
0
0
1
0
0
0
0
0
0
BG
R
BG
R
BG
R
00
1
1
1
1
1
1
1
1
1
0
1
1
1
1
1
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com