Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 12Page - Renesas Technology Corp M35054 Datasheet HTML 13Page - Renesas Technology Corp M35054 Datasheet HTML 14Page - Renesas Technology Corp M35054 Datasheet HTML 15Page - Renesas Technology Corp M35054 Datasheet HTML 16Page - Renesas Technology Corp M35054 Datasheet HTML 17Page - Renesas Technology Corp M35054 Datasheet HTML 18Page - Renesas Technology Corp M35054 Datasheet HTML 19Page - Renesas Technology Corp M35054 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
15
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
BLK0
BLK1
EX
SCOR
STOPIN
STOP1
DSPON
RAMERS
TEST47
TEST48
TEST49
TEST50
TEST51
LEVEL1
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
External synchronization
Internal synchronization
Superimpose monotone display
Superimpose coloring display (only NTSC)
fSC input mode
Can not be used.
Oscillation VCO for display
Stop oscillation VCO for display
Display OFF
Display ON
RAM not erased
RAM erased
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Can not be used.
It should be fixed to “1”.
Internal bias OFF
Internal bias ON
DSPn= “0”
Matrix-outline size
Character size
Border size
Matrix-outline size
BLK1
0
0
1
1
BLK0
0
1
0
1
DSPn= “1”
Matrix-outline
border size
(9) Address F816
Remarks
Display mode
(BLNK output) variable
Synchronizing signal switching
(Note1)
“1” setting is forbidden at internal
synchronous or PAL, M-PAL
mode displaying.
OSCIN oscillation control
Control oscillation VCO for
display
This register does not exist
(Note 3).
Notes 1. In dealing with the internal synchronization, cut off external video signals outside the IC. The leakage of external input video signals
can be avoided.
Notes 2. In displaying color superimposition, enter into the OSCIN pin the fSC signal that phase-synchronizes with the color burst of the
composite video signals (input to the CVIN pin).
Notes 3. Erases all the display RAM. The character code turns to blank-FF16, the encode data bit and the blinking bit turn to “1” respectively,
and reversed character bit turns to “0”.
Border size
Matrix-outline size
Character size
Generates bias potential for syn-
chronous separation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com