Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35054 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M35054
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35054 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M35054 Datasheet HTML 11Page - Renesas Technology Corp M35054 Datasheet HTML 12Page - Renesas Technology Corp M35054 Datasheet HTML 13Page - Renesas Technology Corp M35054 Datasheet HTML 14Page - Renesas Technology Corp M35054 Datasheet HTML 15Page - Renesas Technology Corp M35054 Datasheet HTML 16Page - Renesas Technology Corp M35054 Datasheet HTML 17Page - Renesas Technology Corp M35054 Datasheet HTML 18Page - Renesas Technology Corp M35054 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
M35054-XXXFP/M35055-XXXFP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
MITSUBISHI MICROCOMPUTERS
14
Register
CUR0
CUR1
CUR2
CUR3
CUR4
CUR5
CUR6
CUR7
CBLINK
__________
CL17/18
TEST44
RGBON
TEST45
TEST46
Contents
DA
0~D
0
1
2
3
4
5
6
7
8
9
A
B
C
D
Function
Let cursor displaying address be CURS,
CURS =
Σ 2nCURn
No blinking
Blinking
Cursor displaying at the 17th dot by vertical direction.
Cursor displaying at the 18th dot by vertical direction.
It should be fixed to “0”.
Can not be used.
Normal
Character background coloring
It should be fixed to “0”.
Can not be used.
It should be fixed to “0”.
Can not be used.
Status
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
(8) Address F716
Remarks
Set the cursor displaying
address by use of CUR7 through
CUR0.
CUR7 to CUR0
(11110000)
setting is forbidden under 24
characters display.
CUR7 to CUR0
(11100000)
setting is forbidden under 32
characters display.
Set CUR7 to CUR0 = (11111111)
under cursor is not be displayed.
The cursor displaying address
(CURS) is correspond to display
construction.
The cursor blinking setting
Refer to character construction.
Refer to supplemental
explanation (3).
7
n=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com