Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet (PDF) - Renesas Technology Corp

M35080FP Datasheet PDF - Renesas Technology Corp
Part # M35080FP
Download  M35080FP Download
File Size   284.93 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35080FP Datasheet (PDF)

Go To PDF Page Download Datasheet
M35080FP Datasheet PDF - Renesas Technology Corp

Part # M35080FP
Download  M35080FP Click to download

File Size   284.93 Kbytes
Page   28 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS

M35080FP Datasheet (HTML) - Renesas Technology Corp


M35080FP Product details

DESCRIPTION
The M35080FP is a bitmap pattern display control IC can display on the screen. Display frequency can operate in 3.3MHz to 20MHz, and is equipped with the analog RGB output (512 colors / 260k colors) and the digital RGB output (512 colors) function. Moreover, 2 pages (horizontal 128 dot ✕ vertical 96 dots/page) display can be simultaneously performed on 1 screen.It uses a silicon gate CMOS process and it housed in a 24-pin shrink SOP package.

FEATURES
• Pixel composition ............ Eight kinds (Can be chosen from the following)
   ........................ horizontal 128 dots ✕ verical 96 dots ✕ 2 pages
   ........................ horizontal 192 dots ✕ verical 64 dots ✕ 2 pages
   ........................ horizontal 256 dots ✕ verical 48 dots ✕ 2 pages
   ........................ horizontal 384 dots ✕ verical 32 dots ✕ 2 pages
   ........................ horizontal 32 dots ✕ verical 384 dots ✕ 2 pages
   ........................ horizontal 48 dots ✕ verical 256 dots ✕ 2 pages
   ........................ horizontal 64 dots ✕ verical 192 dots ✕ 2 pages
   ........................ horizontal 96 dots ✕ verical 128 dots ✕ 2 pages
• RGB output ....................................................................................
   Analog RGB output ......................................ROUT, GOUT,BOUT
      Number of colors displayed ........................................................
         double-screen display (3 bits each of RGB) : 512 colors
         one-screen display (6 bits each of RGB) : 260 K colors
   Digital RGB output ..........................R0 to R2, G0 to G2, B0 to B2,
      Number of colors displayed ........................................................
         one and double-screen display (3 bits each of RGB) : 512 colors
• Bit map RAM ....................................................... 1000h to 3AFFh
   ..............................128 ✕ 96 ✕ 9 plans (R, G, B every 3 bit) ✕ 2
   .................................................................. 221184 bit (27 Kbyte)
• Display input frequency range .......................................................
   ................................... external input FOSC = 3.3 MHz to 20 MHz
• Horizontal synchronous input frequency
   .......................................................... H.sync = 10 kHz to 20 kHz
• Output ports (Combination port output) ........................................
   ................. 4 ports (Switches with R0, R1, R2 and BLNK output)
• DAC ................................................................. 6 bits ✕ 3 (R, G, B)
• Operating voltage .................................................... 2.7 V to 3.3 V

APPLICATION
   Liquid crystal display, Plasma display, Multi-scan monitor




Similar Part No. - M35080FP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M35080 STMICROELECTRONICS-M35080 Datasheet
139Kb / 18P
8 Kbit Serial SPI Bus EEPROM With Incremental Registers
Jun-1999
M35080-BN3T STMICROELECTRONICS-M35080-BN3T Datasheet
139Kb / 18P
8 Kbit Serial SPI Bus EEPROM With Incremental Registers
Jun-1999
M35080-BN6T STMICROELECTRONICS-M35080-BN6T Datasheet
139Kb / 18P
8 Kbit Serial SPI Bus EEPROM With Incremental Registers
Jun-1999
M35080-MN3T STMICROELECTRONICS-M35080-MN3T Datasheet
139Kb / 18P
8 Kbit Serial SPI Bus EEPROM With Incremental Registers
Jun-1999
M35080-MN6T STMICROELECTRONICS-M35080-MN6T Datasheet
139Kb / 18P
8 Kbit Serial SPI Bus EEPROM With Incremental Registers
Jun-1999
More results


Similar Description - M35080FP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com