Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet (PDF) - STMicroelectronics

M35080 Datasheet PDF - STMicroelectronics
Part # M35080
Download  M35080 Download
File Size   139.27 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Kbit Serial SPI Bus EEPROM With Incremental Registers

M35080 Datasheet (PDF)

Go To PDF Page Download Datasheet
M35080 Datasheet PDF - STMicroelectronics

Part # M35080
Download  M35080 Click to download

File Size   139.27 Kbytes
Page   18 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8 Kbit Serial SPI Bus EEPROM With Incremental Registers

M35080 Datasheet (HTML) - STMicroelectronics


M35080 Product details

DESCRIPTION
The M35080 device consists of 1024x8 bits of low power EEPROM, fabricated with STMicroelectronics’ proprietary High Endurance Double Polysilicon CMOS technology.
The device is accessed by a simple SPI-compatible serial interface. The bus signals consist of a serial clock input (C), a serial data input (D) and a serial data output (Q), as shown in Table 1.
The device is selected when the chip select input (S) is held low. Data is clocked in during the low to high transition of the clock, C. Data is clocked out during the high to low transition of the clock.

■ Compatible with SPI Bus Serial Interface
   (Positive Clock SPI Modes)
■ Single Supply Voltage: 4.5 V to 5.5 V
■ 5 MHz Clock Rate (maximum)
■ Sixteen 16-bit Incremental Registers
■ BYTE and PAGE WRITE (up to 32 Bytes)
   (except for the Incremental Registers)
■ Self-Timed Programming Cycle
■ Hardware Protection of the Status Register
■ Resizeable Read-Only EEPROM Area
■ Enhanced ESD Protection
■ 1 Million Erase/Write Cycles (minimum)
■ 40 Year Data Retention (minimum)




Similar Part No. - M35080

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35080FP RENESAS-M35080FP Datasheet
284Kb / 28P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Similar Description - M35080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
M95080-DRE STMICROELECTRONICS-M95080-DRE Datasheet
737Kb / 40P
8-Kbit serial SPI bus EEPROM - 105 C Operation
18-Feb-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com