Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M35080
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080 Datasheet(HTML) 5 Page - STMicroelectronics

  M35080 Datasheet HTML 1Page - STMicroelectronics M35080 Datasheet HTML 2Page - STMicroelectronics M35080 Datasheet HTML 3Page - STMicroelectronics M35080 Datasheet HTML 4Page - STMicroelectronics M35080 Datasheet HTML 5Page - STMicroelectronics M35080 Datasheet HTML 6Page - STMicroelectronics M35080 Datasheet HTML 7Page - STMicroelectronics M35080 Datasheet HTML 8Page - STMicroelectronics M35080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5/18
M35080
The latch becomes reset by any of the following
events:
– Power on
– WRDI instruction completion
– WRSR instruction completion
– WRITE instruction completion.
As soon as the WREN or WRDI instruction is re-
ceived, the memory device first executes the in-
struction, then enters a wait mode until the device
is deselected.
Read Status Register (RDSR)
The RDSR instruction allows the status register to
be read, and can be sent at any time, even during
a Write operation. Indeed, when a Write is in
progress, it is recommended that the value of the
Write-In-Progress (WIP) bit be checked. The value
in the WIP bit (whose position in the status register
is shown in Table 4) can be continuously polled,
before sending a new WRITE instruction. This can
be performed in one of two ways:
s
Repeated RDSR instructions (each one
consisting of S being taken low, C being clocked
8 times for the instruction and 8 times for the
read operation, and S being taken high)
s
A single, prolonged RDSR instruction
(consisting of S being taken low, C being
clocked 8 times for the instruction and kept
running for repeated read operations), as
shown in Figure 6.
The Write-In-Process (WIP) bit is read-only, and
indicates whether the memory is busy with a Write
operation. A ’1’ indicates that a write is in progress,
and a ’0’ that no write is in progress.
The Write Enable Latch (WEL) bit indicates the
status of the write enable latch. It, too, is read-only.
Its value can only be changed by one of the events
listed earlier, or as a result of executing WREN or
WRDI instruction. It cannot be changed using a
WRSR instruction. A ’1’ indicates that the latch is
set (the forthcoming Write instruction will be exe-
cuted), and a ’0’ that it is reset (and any forthcom-
ing Write instructions will be ignored).
The Block Protect (BP0 and BP1) bits indicate the
amount of the memory that is to be write-protect-
ed. These two bits are non-volatile. They are set
using a WRSR instruction.
During a Write operation (whether it be to the
memory area or to the status register), all bits of
the status register remain valid, and can be read
using the RDSR instruction. However, during a
Write operation, the values of the non-volatile bits
Figure 5. Read EEPROM Array Operation Sequence
Note: 1. The most significant address bits, A15-A10, are treated as Don’t Care.
C
D
AI01793
S
Q
15
2
1
3456789 10
20 21 22 23 24 25 26 27
14 13
3210
28 29 30
765432
0
1
HIGH IMPEDANCE
DATA OUT
INSTRUCTION
16 BIT ADDRESS
0
MSB
Table 6. Memory Mapping
Address
Protection
000h-01Fh
Incremental area: a word (2 bytes) can be written only if the new value to write is larger
than the value already stored
020h-3FFh
No specific protection except the one as of Table 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com