Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M35080
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080 Datasheet(HTML) 2 Page - STMicroelectronics

  M35080 Datasheet HTML 1Page - STMicroelectronics M35080 Datasheet HTML 2Page - STMicroelectronics M35080 Datasheet HTML 3Page - STMicroelectronics M35080 Datasheet HTML 4Page - STMicroelectronics M35080 Datasheet HTML 5Page - STMicroelectronics M35080 Datasheet HTML 6Page - STMicroelectronics M35080 Datasheet HTML 7Page - STMicroelectronics M35080 Datasheet HTML 8Page - STMicroelectronics M35080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
M35080
2/18
Figure 2. DIP and SO Connections
Note: 1. NC = Not Connected.
1
AI02144B
2
3
4
8
7
6
5
NC
VSS
C
D
Q
S
VCC
W
M35080
Table 2. Absolute Maximum Ratings 1
Note: 1. Except for the rating “Operating Temperature Range”, stresses above those listed in the Table “Absolute Maximum Ratings” may
cause permanent damage to the device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not implied. Exposure to Absolute Maximum
Rating conditions for extended periods may affect device reliability. Refer also to the ST SURE Program and
other relevant quality documents.
2. MIL-STD-883C, 3015.7 (100pF, 1500W).
3. EIAJ IC-121 (Condition C) (200pF, 0W).
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
-40 to 125
°C
TSTG
Storage Temperature
-65 to 150
°C
TLEAD
Lead Temperature during Soldering
PSDIP8: 10 sec
SO8: 40 sec
260
215
°C
VO
Output Voltage Range
-0.3 to VCC+0.6
V
VI
Input Voltage Range
-0.3 to 6.5
V
VCC
Supply Voltage Range
-0.3 to 6.5
V
VESD
Electrostatic Discharge Voltage (Human Body model) 2
4000
V
Electrostatic Discharge Voltage (Machine model) 3
400
V
The memory is organized in pages of 32 bytes.
However, the first page is not treated in the same
way as the others. Instead, it is considered to con-
sist of sixteen 16-bit incremental registers. Each
register can be modified using the conventional
write instructions, but the new value will only be
accepted if it is greater than the current value.
Thus, each register is restricted to being modified
monotonically upwards.
This is useful in applications where it is necessary
to implement a counter that is protected from
fraudulent tampering (such as in a car odometer,
an electricity meter, or a tally for remaining credit).
SIGNAL DESCRIPTION
Serial Output (Q)
The output pin is used to transfer data serially out
of the Memory. Data is shifted out on the falling
edge of the serial clock.
Serial Input (D)
The input pin is used to transfer data serially into
the device. Instructions, addresses, and the data
to be written, are each received this way. Input is
latched on the rising edge of the serial clock.
Serial Clock (C)
The serial clock provides the timing for the serial
interface (as shown in Figure 3). Instructions, ad-
dresses, or data are latched, from the input pin, on
the rising edge of the clock input. The output data
on the Q pin changes state after the falling edge of
the clock input.
Chip Select (S)
When S is high, the memory device is deselected,
and the Q output pin is held in its high impedance
state. Unless an internal write operation is under-
way, the memory device is placed in its stand-by
power mode.
After power-on, a high-to-low transition on S is re-
quired prior to the start of any operation.
Write Protect (W)
The protection features of the memory device are
summarized in Table 3.
The hardware write protection, controlled by the W
pin, restricts write access to the Status Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com