Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M35080
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M35080 Datasheet HTML 8Page - STMicroelectronics M35080 Datasheet HTML 9Page - STMicroelectronics M35080 Datasheet HTML 10Page - STMicroelectronics M35080 Datasheet HTML 11Page - STMicroelectronics M35080 Datasheet HTML 12Page - STMicroelectronics M35080 Datasheet HTML 13Page - STMicroelectronics M35080 Datasheet HTML 14Page - STMicroelectronics M35080 Datasheet HTML 15Page - STMicroelectronics M35080 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
M35080
12/18
Table 9. DC Characteristics
(TA = 0 to 70°C, –40 to 85°C or –40 to 125°C; VCC = 4.5V to 5.5V)
Note: 1. The device meets output requirements for both TTL and CMOS standards.
2. Test performed at –40 to 125°C temperature range, Grade 3.
Table 10. Input Parameters 1
(TA = 25 C, f = 5 MHz)
Note: 1. Sampled only, not 100% tested.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
±2
µA
ILO
Output Leakage Current
±2
µA
ICC
Supply Current
C = 0.1 VCC/0.9 VCC, @ 5 MHz,
VCC = 5V, Q = Open
3mA
C = 0.1 VCC/0.9 VCC, @ 2 MHz,
VCC = 5V, Q = Open, Note
2
3mA
ICC1
Standby Current
S = VCC, VIN = VSS or VCC, VCC = 5V
10
µA
S = VCC, VIN = VSS or VCC, VCC = 5V,
Note 2
20
µA
VIL
Input Low Voltage
–0.3
0.3 VCC
V
VIH
Input High Voltage
0.7 VCC
VCC + 1
V
VOL
1
Output Low Voltage
IOL = 2mA, VCC = 5V
0.4
V
IOL = 2mA, VCC = 5V, Note
2
0.4
V
VOH
1
Output High Voltage
IOH = –2mA, VCC = 5V
0.8 VCC
V
IOH = –2mA, VCC = 5V, Note
2
0.8 VCC
V
Symbol
Parameter
Min
Max
Unit
CIN
Input Capacitance (D)
8
pF
CIN
Input Capacitance (other pins)
6
pF
tLPF
Input Signal Pulse Width Filtered Out
10
ns
Table 11. AC Measurement Conditions
Note: 1. Output Hi-Z is defined as the point where data is no long-
er driven.
Input Rise and Fall Times
≤ 50ns
Input Pulse Voltages
0.2VCC to 0.8VCC
Input and Output Timing
Reference Voltages
0.3VCC to 0.7VCC
Output Load
CL = 100pF
Figure 13. AC Testing Input Output
AI00825
0.8VCC
0.2VCC
0.7VCC
0.3VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com