Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M35080
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080 Datasheet(HTML) 4 Page - STMicroelectronics

  M35080 Datasheet HTML 1Page - STMicroelectronics M35080 Datasheet HTML 2Page - STMicroelectronics M35080 Datasheet HTML 3Page - STMicroelectronics M35080 Datasheet HTML 4Page - STMicroelectronics M35080 Datasheet HTML 5Page - STMicroelectronics M35080 Datasheet HTML 6Page - STMicroelectronics M35080 Datasheet HTML 7Page - STMicroelectronics M35080 Datasheet HTML 8Page - STMicroelectronics M35080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
M35080
4/18
OPERATIONS
All instructions, addresses and data are shifted se-
rially in and out of the chip (along the bus, as
shown in Figure 4). The most significant bit is pre-
sented first, with the data input (D) sampled on the
first rising edge of the clock (C) after the chip se-
lect (S) goes low (as shown in Figure 5, Figure 9,
and Figure 12).
Every instruction, as summarized in Table 5, starts
with a single-byte code. If an invalid instruction is
sent (one not contained in Table 5), the chip auto-
matically deselects itself.
The instruction code is entered via the data input
(D), and latched on the rising edge of the clock in-
put (C). To enter an instruction code, the device
must have been previously selected (S held low).
Protection of the First 32 Bytes
The first 32-byte page is organized as 16 words
(two bytes each). The initial content of each word
on this page is 0000h. When writing to byte-pair, a
logic comparator verifies that the new two-byte
value is larger than the value currently stored. If
the new value is smaller than the current one, no
operation is performed. It is impossible to write a
value lower than the previous one, irrespective of
the state of W pin and status register, as indicated
in Table 6.
Write Enable (WREN) and Write Disable (WRDI)
The write enable latch, inside the memory device,
must be set prior to each WRITE and WRSR oper-
ation. The WREN instruction (write enable) sets
this latch, and the WRDI instruction (write disable)
resets it.
Figure 4. EEPROM and SPI Bus
AI02148C
M35xxx
D
Q
C
CQD
S
M35xxx
CQD
S
M35xxx
CQD
S
CS3
CS2
CS1
SPI Interface with
(CPOL, CPHA) =
('0', '0') or ('1', '1')
Master
(ST6, ST7, ST9,
ST10, Others)
Table 5. Instruction Set
Instruction
Description
Instruction Format
WREN
Set Write Enable Latch
0000 0110
WRDI
Reset Write Enable Latch
0000 0100
RDSR
Read Status Register
0000 0101
WRSR
Write Status Register
0000 0001
READ
Read Data from Memory Array
0000 0011
WRITE
Write Data to Memory Array
0000 0010
WRINC
Write Data to Secure Array
0000 0111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com