Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M35080
Description  8 Kbit Serial SPI Bus EEPROM With Incremental Registers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M35080 Datasheet(HTML) 1 Page - STMicroelectronics

  M35080 Datasheet HTML 1Page - STMicroelectronics M35080 Datasheet HTML 2Page - STMicroelectronics M35080 Datasheet HTML 3Page - STMicroelectronics M35080 Datasheet HTML 4Page - STMicroelectronics M35080 Datasheet HTML 5Page - STMicroelectronics M35080 Datasheet HTML 6Page - STMicroelectronics M35080 Datasheet HTML 7Page - STMicroelectronics M35080 Datasheet HTML 8Page - STMicroelectronics M35080 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/18
PRELIMINARY DATA
June 1999
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to change without notice.
M35080
8 Kbit Serial SPI Bus EEPROM
With Incremental Registers
s
Compatible with SPI Bus Serial Interface
(Positive Clock SPI Modes)
s
Single Supply Voltage: 4.5 V to 5.5 V
s
5 MHz Clock Rate (maximum)
s
Sixteen 16-bit Incremental Registers
s
BYTE and PAGE WRITE (up to 32 Bytes)
(except for the Incremental Registers)
s
Self-Timed Programming Cycle
s
Hardware Protection of the Status Register
s
Resizeable Read-Only EEPROM Area
s
Enhanced ESD Protection
s
1 Million Erase/Write Cycles (minimum)
s
40 Year Data Retention (minimum)
DESCRIPTION
The M35080 device consists of 1024x8 bits of low
power
EEPROM,
fabricated
with
STMicroelectronics’ proprietary High Endurance
Double Polysilicon CMOS technology.
The device is accessed by a simple SPI-compati-
ble serial interface. The bus signals consist of a
serial clock input (C), a serial data input (D) and a
serial data output (Q), as shown in Table 1.
The device is selected when the chip select input
(S) is held low. Data is clocked in during the low to
high transition of the clock, C. Data is clocked out
during the high to low transition of the clock.
Figure 1. Logic Diagram
AI02143
S
VCC
M35080
VSS
W
Q
C
D
Table 1. Signal Names
C
Serial Clock
D
Serial Data Input
Q
Serial Data Output
S
Chip Select
W
Write Protect
VCC
Supply Voltage
VSS
Ground
PSDIP8 (BN)
0.25 mm frame
SO8 (MN)
150 mil width
8
1
8
1


Similar Part No. - M35080

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35080FP RENESAS-M35080FP Datasheet
284Kb / 28P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35080

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
512 Kbit SPI Bus Serial EEPROM
2007
logo
STMicroelectronics
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
06-Mar-2008
logo
Microchip Technology
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
512 Kbit SPI Bus Serial EEPROM
2010
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
512 Kbit SPI Bus Serial EEPROM
05/02/11
logo
STMicroelectronics
M95080-WMN6TP STMICROELECTRONICS-M95080-WMN6TP Datasheet
350Kb / 42P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Mar-2012
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
512-Kbit serial SPI bus EEPROM
03-Jun-2013
M95080-WMN6P STMICROELECTRONICS-M95080-WMN6P Datasheet
781Kb / 4P
8-Kbit serial SPI bus EEPROM with high-speed clock
22-Sep-2014
M95080-DRE STMICROELECTRONICS-M95080-DRE Datasheet
737Kb / 40P
8-Kbit serial SPI bus EEPROM - 105 C Operation
18-Feb-2015
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
512 Kbit SPI Bus Serial EEPROM
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com