Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M35080FP Datasheet HTML 1Page - Renesas Technology Corp M35080FP Datasheet HTML 2Page - Renesas Technology Corp M35080FP Datasheet HTML 3Page - Renesas Technology Corp M35080FP Datasheet HTML 4Page - Renesas Technology Corp M35080FP Datasheet HTML 5Page - Renesas Technology Corp M35080FP Datasheet HTML 6Page - Renesas Technology Corp M35080FP Datasheet HTML 7Page - Renesas Technology Corp M35080FP Datasheet HTML 8Page - Renesas Technology Corp M35080FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
4
MEMORY CONSTITUTION
Address 000016 to 000716 are assigned to the display RAM, ad-
dress 100016 to 3AFF16 are assigned to bitmap RAM. The internal
circuit is reset and all display control registers (address 000016 to
000716) are set to "0" when the AC pin level is "L". And then, bit
map RAM is not erased and be undefinited. This memory has 2-
page composition (an address is Page A and page B community)
Fig.1 Memory constitution (Display Control register)
DAF
DAE
DAD
DAC
DAB
DAA
DA9
DA8
DA7
DA6
DA5
DA4
DA3
DA2
DA1
DA0
–
––––
––––
––––
–
PAGEONB PAGEONA
–
––––
YM2
YM1
YM0 BLANK1 BLANK0 ALLON DSPON
–
WIDTH2 WIDTH1 WIDTH0
–
VSIZE1 VSIZE0
––
–
VP9
VP8
VP7
VP6
VP5
VP4
VP3
VP2
VP1
VP0
–
––––
–
HP9
HP8
HP7
HP6
HP5
HP4
HP3
HP2
HP1
HP0
–
ANADIG2 ANADIG1 ANADIG0 SYNCCK
TEST
–––
––
POLV POLH MODE2 MODE1 MODE0
–
––––
––––
––––
–––
–
DACON
–––
––––
––––
–––
–
––––
–––
SBLANK3 SBLANK2 SBLANK1 SBLANK0
PTD3
PTD2
PTD1
PTD0
000016
000116
000216
000316
000416
000516
000616
000716
Address
of the memory for page A, and the memory for page B. Registers
PAGEONA and PAGEONB perform page control at the time of
writing in data. For detail, refer to "DATA INPUT EXAMPLE".
Memory constitution is shown in Figure 1 to 10.
Note : Address 000016 and 000416 to 000716 are Page A and B common registers. The writing of data is made regardless of registers PAGEONA and
PAGEONB. As for addresses 000116 to 000316, register of Page A and Page B exists for every page (common to an address.)
When write data in the memory for page A, and write data in the memory for page B, set it as register PAGEONA = “1” at register PAGEONB = “1.”
When both of PAGEONA and PAGEONB are set to “1”, data can be simultaneously written in both the memory for page A, and the memory for page B.
Address 0XXX16 other than addresses 000016 to 000716 are write-protected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com