Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp M35080FP Datasheet HTML 23Page - Renesas Technology Corp M35080FP Datasheet HTML 24Page - Renesas Technology Corp M35080FP Datasheet HTML 25Page - Renesas Technology Corp M35080FP Datasheet HTML 26Page - Renesas Technology Corp M35080FP Datasheet HTML 27Page - Renesas Technology Corp M35080FP Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
23
Parameter
Supply voltage
Supply current (at analog output)
“H” level output voltage
“L” level output voltage
__
Pull-up resistance AC
External clock input width
Full scale width
Nonlinear nature error
Symbol
VDD
VI
VO
Pd
Topr
Tstg
Parameter
Supply voltage
Input voltage
Output voltage
Power dissipation
Operating temperature
Storage temperature
Conditions
With respect to VSS.
Ta = +25 °C
Ratings
–0.3 to +4.2
VSS –0.3
≤ VI ≤ VDD +0.3
VSS
≤ VO ≤ VDD
+70
–20 to +85
–40 to +125
Unit
V
V
V
mW
°C
°C
Min.
2.7
0.8 ✕ VDD
0
10.0
10.0
Typ.
3.00
VDD
0
–
–
Max.
3.3
VDD
0.2 ✕ VDD
20.0
20.0
Unit
V
V
V
MHz
kHz
Supply voltage
"H" level input voltage
"L" level input voltage
Oscillating frequency for display
Horizontal synchronous signal input frequeney
VDD
VIH
VIL
FOSC
H.sync
__ __
SIN, SCK, CS, AC, HOR, VERT
__ __
SIN, SCK, CS, AC, HOR, VERT
Min.
2.70
–
2.2
–
10
0.7 ✕ VDD
–
–
Typ.
3.00
15
–
–
–
–
1.0
–
Max.
3.30
25
–
0.5
100
VDD
–
±2.0
Unit
V
mA
V
V
k
Ω
V
Vp-p
LSB
Test conditions
Ta = –20 to +70°C
VDD = 3.00V
VDD = 2.70V, IOH = –1mA
VDD = 2.70V, IOL = 1mA
VDD = 3.00V
RIREF=1.2K
Ω, RL=300Ω
RIREF=1.2K
Ω, RL=300Ω
VDD
IDD
VOH
VOL
RI
VTCK
VDAO
NL
P0 to P7,R0 to R2
G0 to G2,B0 to B2
P0 to P7,R0 to R2
G0 to G2,B0 to B2
ROUT,GOUT,BOUT
ROUT,GOUT,BOUT
ABSOLUTE MAXIMUM RATINGS (VDD = 3.00V, Ta = –20 to +85°C, unless otherwise noted)
RECOMMENDED OPERATING CONDITIONS (VDD = 3.00V, Ta = –20 to +85°C, unless otherwise noted)
ELECTRICAL CHARACTERISTICS (VDD = 3.00V, Ta = 25°C, unless otherwise noted)
Symbol
Limits
Parameter
Limits
Symbol



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com