Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 14Page - Renesas Technology Corp M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp M35080FP Datasheet HTML 17Page - Renesas Technology Corp M35080FP Datasheet HTML 18Page - Renesas Technology Corp M35080FP Datasheet HTML 19Page - Renesas Technology Corp M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
17
Address 000716
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Register
DA
Function
Contents
Remarks
Status
"L" fixation at port output, negative polarity at BLNK output.
"H" fixation at port output, positive polarity at BLNK output.
"L" fixation at port output.
"H" fixation at port output.
"L" fixation at port output.
"H" fixation at port output.
"L" fixation at port output.
"H" fixation at port output.
Refer to SBLANK1(000416).
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
PTD0
PTD1
PTD2
PTD3
SBLANK2
–
–
–
–
–
–
–
–
–
–
–
Data control of P0 pin
Data control of P1 pin
Data control of P2 pin
Data control of P3 pin
Output control of P0/BLNK pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com