Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 9Page - Renesas Technology Corp M35080FP Datasheet HTML 10Page - Renesas Technology Corp M35080FP Datasheet HTML 11Page - Renesas Technology Corp M35080FP Datasheet HTML 12Page - Renesas Technology Corp M35080FP Datasheet HTML 13Page - Renesas Technology Corp M35080FP Datasheet HTML 14Page - Renesas Technology Corp M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp M35080FP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
12
Address 000216
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Register
DA
Status
Contents
Function
Remarks
VP0
VP1
VP2
VP3
VP4
VP5
VP6
VP7
VP8
VP9
–
–
VSIZE0
VSIZE1
–
–
If VS is the vertical display start location,
VS = H ✕
2nVPn
H: Cycle with the horizonal synchronizing pulse
Setting vertical start location
.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
9
Σ
n = 0
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Notes 1 : This register is consisted of 2 pages (address community) of the register for page A, and the register for page B. Writing control to each page is performed
by registers PAGEONA and PAGEONB (address 000016).
2 : Set up the horizontal and vertical display start location so that display range may not exceed it.
Set the character code "1FF16" (blank without background) for the display RAM of the part which the display range exceeds.
Setting vertical direction dot size
It should be fixed to "0".
Can not be used.
VSIZE1
0
0
1
1
VSIZE0
0
1
0
1
Vertical direction size
1H/dot
2H/dot
3H/dot
4H/dot
H : Synchronous of horizontal direction pulse
Display area
Note 2
Note 2
HS
VS
HOR
Note 2
Note 2
Monitor display



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com