Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 17Page - Renesas Technology Corp M35080FP Datasheet HTML 18Page - Renesas Technology Corp M35080FP Datasheet HTML 19Page - Renesas Technology Corp M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp M35080FP Datasheet HTML 23Page - Renesas Technology Corp M35080FP Datasheet HTML 24Page - Renesas Technology Corp M35080FP Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
20
Fig.15 Example of the M35080FP peripheral circuit (at analog RGB output setting)
Fig.16 Example of the M35080FP peripheral circuit (at digital RGB output setting)
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
LP
VSS2
AC
CS
SCK
SIN
TCK
VDD1
P0/BLNK
P1/R2
NC
VDD2
ROUT/G2
GOUT/G1
BOUT/G0
IREF/B2
VG2/B1
VG1/B0
BIN
VSS1
+3V
+3V
R
G
B
+
—
+
—
— +
11
P2/R1
12
P3/R0
14
13
VERT
HOR
BLANK
100 F
1F
0.01 F
100 F
1F
0.01 F
1 F
Synchronous signal
generator
Microcomputer
External clock
Horizontal synchronors signal (3V)
Vertical synchronors signal (3V)
Mixing
video pre-amp
0.1 F
0.1 F
1.2K‰
300‰
Output buffer
100
µF
1
µF
0.01
µF
100
µF
1
µF
0.01
µF
1
µF
Synchronous signal
generator
Microcomputer
External clock
Horizontal synchronors signal (3V)
Vertical synchronors signal (3V)
Mixing
video pre-amp
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
LP
VSS2
AC
CS
SCK
SIN
TCK
VDD1
P0/BLNK
P1/R2
NC
VDD2
ROUT/G2
GOUT/G1
BOUT/G0
IREF/B2
VG2/B1
VG1/B0
BIN
VSS1
+3V
+3V
R1
G0
B1
+
–
+
–
–
+
11
P2/R1
12
P3/R0
14
13
VERT
HOR
BLANK
R2
R0
G2
G1
B0
B2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com