Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 2 Page - Renesas Technology Corp

  M35080FP Datasheet HTML 1Page - Renesas Technology Corp M35080FP Datasheet HTML 2Page - Renesas Technology Corp M35080FP Datasheet HTML 3Page - Renesas Technology Corp M35080FP Datasheet HTML 4Page - Renesas Technology Corp M35080FP Datasheet HTML 5Page - Renesas Technology Corp M35080FP Datasheet HTML 6Page - Renesas Technology Corp M35080FP Datasheet HTML 7Page - Renesas Technology Corp M35080FP Datasheet HTML 8Page - Renesas Technology Corp M35080FP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
DESCRIPTION
The M35080FP is a bitmap pattern display control IC can display
on the screen. Display frequency can operate in 3.3MHz to
20MHz, and is equipped with the analog RGB output (512 colors /
260k colors) and the digital RGB output (512 colors) function.
Moreover, 2 pages (horizontal 128 dot ✕ vertical 96 dots/page)
display can be simultaneously performed on 1 screen.It uses a
silicon gate CMOS process and it housed in a 24-pin shrink SOP
package.
FEATURES
• Pixel composition ............Eight kinds (Can be chosen from the following)
........................ horizontal 128 dots ✕ verical 96 dots ✕ 2 pages
........................ horizontal 192 dots ✕ verical 64 dots ✕ 2 pages
........................ horizontal 256 dots ✕ verical 48 dots ✕ 2 pages
........................ horizontal 384 dots ✕ verical 32 dots ✕ 2 pages
........................ horizontal 32 dots ✕ verical 384 dots ✕ 2 pages
........................ horizontal 48 dots ✕ verical 256 dots ✕ 2 pages
........................ horizontal 64 dots ✕ verical 192 dots ✕ 2 pages
........................ horizontal 96 dots ✕ verical 128 dots ✕ 2 pages
• RGB output....................................................................................
Analog RGB output ...................................... ROUT, GOUT,BOUT
Number of colors displayed ........................................................
double-screen display (3 bits each of RGB) : 512 colors
one-screen display (6 bits each of RGB) : 260 K colors
Digital RGB output .......................... R0 to R2, G0 to G2, B0 to B2,
Number of colors displayed ........................................................
one and double-screen display (3 bits each of RGB) : 512 colors
• Bit map RAM ....................................................... 1000h to 3AFFh
.............................. 128 ✕ 96 ✕ 9 plans (R, G, B every 3 bit) ✕ 2
.................................................................. 221184 bit (27 Kbyte)
• Display input frequency range .......................................................
................................... external input FOSC = 3.3 MHz to 20 MHz
• Horizontal synchronous input frequency
.......................................................... H.sync = 10 kHz to 20 kHz
• Output ports (Combination port output) ........................................
................. 4 ports (Switches with R0, R1, R2 and BLNK output)
• DAC ................................................................. 6 bits ✕ 3 (R, G, B)
• Operating voltage .................................................... 2.7 V to 3.3 V
APPLICATION
Liquid crystal display, Plasma display, Multi-scan monitor
Outline 24P2Q-A
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
Rev.1.0
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
LP
NC
VDD2
ROUT/G2
GOUT/G1
BOUT/G0
IREF/B2
VG2/B1
VG1/B0
BIN
VSS1
VSS2
AC
CS
SCK
SIN
TCK
VDD1
P0/BLNK
P1/R2
11
12
P2/R1
P3/R0
14
13
VERT
HOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com