Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 8Page - Renesas Technology Corp M35080FP Datasheet HTML 9Page - Renesas Technology Corp M35080FP Datasheet HTML 10Page - Renesas Technology Corp M35080FP Datasheet HTML 11Page - Renesas Technology Corp M35080FP Datasheet HTML 12Page - Renesas Technology Corp M35080FP Datasheet HTML 13Page - Renesas Technology Corp M35080FP Datasheet HTML 14Page - Renesas Technology Corp M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
11
Address 000116
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Register
DA
Function
Contents
Remarks
Status
Set "0" to this bit.
Can not be used.
Display OFF
Display ON
Set "0" to this bit.
Can not be used.
when set to R < 0, R = 0.
Same as G output and B output.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set the pixel composition.
The BLNK signal of the range set up by
this register is outputted at the time of
BLANK1, 0 = 0, and 0 (normal) setup.
The measure against a character bend
(test bit)
Control of blank signal.
(a blank setup in a bit unit is possible).
Note 2
Control of R, G and B output luminosity
WIDTH0
WIDTH1
WIDTH2
–
DSPON
–
BLANK0
BLANK1
YM0
YM1
YM2
–
–
–
–
–
WIDTH2 WIDTH1 WIDTH0
Pixel (Horizontal ✕ Vertical)
0
0
0
128 ✕ 96 dots
0
0
1
192 ✕ 64 dots
0
1
0
256 ✕ 48 dots
0
1
1
384 ✕ 32 dots
10
0
32 ✕ 384 dots
10
1
48 ✕ 256 dots
11
0
64 ✕ 192 dots
11
1
96 ✕ 128 dots
BLANK1 BLANK0
Blank signal
00
Normal(Control by register WIDTH 0 to 2)
0
1
Control by Bit map RAM(R0)
1
0
Control by Bit map RAM(G0)
1
1
Control by Bit map RAM(B0)
R =
Σ 2nRn – Σ 2nYMn
2
n =
0
2
n =
0
Notes 1 : This register is consisted of 2 pages (address community) of the register for page A, and the register for page B.
Writing control to each page is performed by registers PAGEONA and PAGEONB (address 000016).
2 : The bit map RAM used for blank signal control is not applicable to color setup.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com