Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp M35080FP Datasheet HTML 23Page - Renesas Technology Corp M35080FP Datasheet HTML 24Page - Renesas Technology Corp M35080FP Datasheet HTML 25Page - Renesas Technology Corp M35080FP Datasheet HTML 26Page - Renesas Technology Corp M35080FP Datasheet HTML 27Page - Renesas Technology Corp M35080FP Datasheet HTML 28Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
24
__
Fig.19 Timing of power supplying to AC pin
NOTE FOR SUPPLYING POWER
(1)
__
Timing of power supplying to AC pin
The internal circuit of M35080FP is reset when the level of the
__
auto clear input pin AC is “L”. This pin in hysteresis input with the
pull-up resistor.
__
The timing about power supplying of AC pin is shown in Figure be-
low.
After supplying the power (VDD and VSS) to M35080FP and the
supply voltage becomes more than 0.8 ✕ VDD, it needs to keep
__
VIL time; tw of the AC pin for more than 1ms.
__
Start inputting from microcomputer after AC pin supply voltage
becomes more than 0.8 ✕ VDD and keeping 200ms wait time.
PRECAUTION FOR USE
Notes on noise and latch-up
In order to avoid noise and latch-up, connect a bypass capacitor
(
≈0.1µF) directly between the VDD1 pin and VSS1 pin, and the
VDD2 pin and VSS2 pin using a heavy wire.
Notes on the time of external clock input to TCK pin
Input the continuous external clock which cycle is fixed and syn-
chronized with horizontal synchronized signal from TCK pin. And,
input continuous horizontal synchronized signal which cycle is
fixed from HOR pin. Do not stop clock input absolutely during dis-
play.
(2) Timing of power supplying to VDD1 and VDD2.
Supply power to VDD1 and VDD2 at the same time.
VDD
0.8 ✕ VDD
0.2 ✕ VDD
tW
tS
Voltage [V]
Supply voltage
Time t [s]
Data input disable
VAC
(AC pin input voltage)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com