Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 10Page - Renesas Technology Corp M35080FP Datasheet HTML 11Page - Renesas Technology Corp M35080FP Datasheet HTML 12Page - Renesas Technology Corp M35080FP Datasheet HTML 13Page - Renesas Technology Corp M35080FP Datasheet HTML 14Page - Renesas Technology Corp M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp M35080FP Datasheet HTML 17Page - Renesas Technology Corp M35080FP Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
13
Address 000316
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Register
DA
Function
Contents
Remarks
Status
HP0
HP1
HP2
HP3
HP4
HP5
HP6
HP7
HP8
HP9
–
–
–
–
–
–
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
It should be fixed to "0".
Can not be used.
If HS is the horizontal display start location,
HS = T ✕
2nHPn
T: Display clock
Setting horizontal start location
9
Σ
n = 0
Display area
Note 2
Note 2
HS
VS
HOR
Note 2
Note 2
Monitor display
Notes 1 : This register is consisted of 2 pages (address community) of the register for page A, and the register for page B. Writing control to each page is performed
by registers PAGEONA and PAGEONB (address 000016).
2 : Set up the horizontal and vertical display start location so that display range may not exceed it.
Set the character code "1FF16" (blank without background) for the display RAM of the part which the display range exceeds.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com