Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 11Page - Renesas Technology Corp M35080FP Datasheet HTML 12Page - Renesas Technology Corp M35080FP Datasheet HTML 13Page - Renesas Technology Corp M35080FP Datasheet HTML 14Page - Renesas Technology Corp M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp M35080FP Datasheet HTML 17Page - Renesas Technology Corp M35080FP Datasheet HTML 18Page - Renesas Technology Corp M35080FP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
14
Address 000416
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
2
3
4
5
6
7
8
9
A
B
C
D
E
F
Register
DA
Function
Contents
Remarks
Status
Set "0" to this bit.
Can not be used.
HOR pin is negative polarity
HOR pin is positive polarity
VERT pin is negative polarity
VERT pin is positive polarity
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
It synchronizes with a display CK rising and is port output (at the
time of digital output setup).
It synchronizes with a display CK falling and is port output (at the
time of analog output setup).
Port P1 to P3 output (at the time of analog RGB output setup "L"
fixation)
R0 to R2 output (at the time of digital RGB output setup "H" fixation)
Set "0" to this bit.
Can not be used.
Set "0" to this bit.
Can not be used.
MODE0
MODE1
–
POLH
POLV
–
–
–
–
–
TEST
SBLANK0
SBLANK1
PTC13
–
–
Polarity of HOR pin
Polarity of VERT pin
Test bit
BLNK signal output timing control (BLNK
signal). Effective at the time of SBLANK1,
2 = 1, and 1 (BLNK output) setup.
P0/BLNK pin output control.
SBLANK2 : address 000716
P1 to P3 output control
MODE1
0
0
1
1
Display mode
Priority is given to Page A
Priority is given to Page B
260 K colors display
The average of Page A and Page B
MODE0
0
1
0
1
SBLANK1
0
0
1
1
P0/BLNK pin output
Port P0 output
Can not be used
Can not be used
BLNK output
SBLANK2
0
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com