Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 15Page - Renesas Technology Corp M35080FP Datasheet HTML 16Page - Renesas Technology Corp M35080FP Datasheet HTML 17Page - Renesas Technology Corp M35080FP Datasheet HTML 18Page - Renesas Technology Corp M35080FP Datasheet HTML 19Page - Renesas Technology Corp M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp M35080FP Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
18
Fig. 13 The example of a display at the time of a 2-page display
DISPLAY FORM
M35080FP can display two pages, Page A and Page B, simulta-
neously, as shown in Figure 13.
And,1 page of 260K color display can be displayed by piling up
two pages completely.
Page A: register PAGEONA (address 000016) Set up by = "1."
Page B: register PAGEONB (address 000016) Set up by = "1."
Example 1
Example 2
Page A (128 dots ✕ 96 dots)
Page A (128 dots ✕ 96 dots)
Page B (128 dots ✕ 96 dots)
Monitor display
Monitor display
Page B (128 dots ✕ 96 dots)
Notes 1: Setup of display position, display size, etc. can be freely performed for every page. Two pages can be displayed side by side vertically and horizon
tally.
2: when the display area of two pages overlaps on the monitoring screen, registers MODE0 and MODE1 (address 000416) can perform four displays as
follows.
(1) Priority is given to Page A ................... The overlaped part gives priority to Page A, and Page B is not displayed.
(2) Priority is given to Page B .................. The overlaped part gives priority to Page B, and Page A is not displayed.
(3) 260 K colors display ............................ By overlaping two pages completely, 1 page of 260K color is displayed.
RGB output is 6-bit(Note 2)each setup.
(4) The average of Page A and Page B ... The overlaped part averages and outputs the RGB output of two pages.
Notes 1. It becomes 512 color displays at the time of digital RGB output setup.
2. Assignment of 6 bits each of RGB is as follows.
MODE1
0
0
1
1
Display mode
Priority is given to Page A
Priority is given to Page B
260 K colors display(Note 1)
The average of Page A and Page B
MODE0
0
1
0
1
Display number of pages
2 pages
2 pages
1 page
2 pages
MSB
LSB
R
R2
Page A
R1
R0
R2
Page B
R1
R0
G
G2
Page A
G1
G0
G2
Page B
G1
G0
B
B2
Page A
B1
B0
B2
Page B
B1
B0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com