Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M35080FP Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # M35080FP
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M35080FP Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button M35080FP Datasheet HTML 19Page - Renesas Technology Corp M35080FP Datasheet HTML 20Page - Renesas Technology Corp M35080FP Datasheet HTML 21Page - Renesas Technology Corp M35080FP Datasheet HTML 22Page - Renesas Technology Corp M35080FP Datasheet HTML 23Page - Renesas Technology Corp M35080FP Datasheet HTML 24Page - Renesas Technology Corp M35080FP Datasheet HTML 25Page - Renesas Technology Corp M35080FP Datasheet HTML 26Page - Renesas Technology Corp M35080FP Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
MITSUBISHI MICROCOMPUTERS
M35080FP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
22
TIMING REQUIREMENTS (VDD = 3 ± 0.30 V, Ta = –20 to +85°C, unless otherwise noted)
Serial data input
Fig.18 Serial input timing
ns
ns
µs
ns
ns
µs
Parameter
Limits
Max.
200
200
2
200
200
10
Typ.
–
–
–
–
–
–
Max.
–
–
–
–
–
–
Unit
Remarks
Refer to
fig 18
Symbol
tw(SCK)
___
tsu(CS)
___
th(CS)
tsu(SIN)
th(SIN)
tword
SCK width
____
CS setup time
____
CS hold time
SIN setup time
SIN hold time
1 word write time
tsu(CS)
tw(SCK)
tw(SCK)
tsu(SIN)
th(SIN)
th(CS)
tw(CS)
1
µs (min.)
tword
more than 2
µs
1
2
12
13
14
15
16
…
1
1213141516
…
CS
SCK
SIN
SCK
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com