Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet (PDF) - Renesas Technology Corp

M52957AFP Datasheet PDF - Renesas Technology Corp
Part # M52957AFP
Download  M52957AFP Download
File Size   182.96 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Distance Detection Signal Processing for 3V Supply Voltage

M52957AFP Datasheet (PDF)

Go To PDF Page Download Datasheet
M52957AFP Datasheet PDF - Renesas Technology Corp

Part # M52957AFP
Download  M52957AFP Click to download

File Size   182.96 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Distance Detection Signal Processing for 3V Supply Voltage

M52957AFP Datasheet (HTML) - Renesas Technology Corp


M52957AFP Product details

Description
M52957AFP is a semiconductor integrated circuit containing distance detection signal processing circuit for 3V supply voltage.
This device transforms each optical inflow current I1 and I2 from PSD SENSOR into the voltage, and integrates that output after doing calculation corresponds to I1/(I1+I2), and outputs it as the time data(pulse term).

Features
• Wide supply voltage range Vcc=2.2 to 5.5V
• Includes clamp level switching circuit (Switch is 16 kinds by outside control)
• Includes STANDBY function
• Includes POWER ON RESET function

Application
    Auto focus control for the CAMERA
    Sensor for short distance etc




Similar Part No. - M52957AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M52957AFP HITACHI-M52957AFP Datasheet
186Kb / 14P
Distance Detection Signal Processing for 3V Supply Voltage
More results


Similar Description - M52957AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52957FP MITSUBISHI-M52957FP Datasheet
49Kb / 9P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
M52959FP MITSUBISHI-M52959FP Datasheet
64Kb / 8P
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Sony Corporation
CX20037A SONY-CX20037A Datasheet
428Kb / 17P
AUDIO SIGNAL PROCESSING FOR VTR
logo
Hitachi Semiconductor
M52957AFP HITACHI-M52957AFP Datasheet
186Kb / 14P
Distance Detection Signal Processing for 3V Supply Voltage
M61006FP HITACHI-M61006FP Datasheet
469Kb / 16P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3 V SUPPLY VOLTAGE
logo
Renesas Technology Corp
M61005FP RENESAS-M61005FP Datasheet
4Mb / 11P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
M61006FP RENESAS-M61006FP Datasheet
451Kb / 16P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3 V SUPPLY VOLTAGE
logo
Hamamatsu Corporation
S8865-64G HAMAMATSU-S8865-64G Datasheet
480Kb / 15P
Photodiode array combined with signal processing IC for X-ray detection
S8865-64G HAMAMATSU-S8865-64G_15 Datasheet
679Kb / 15P
Photodiode array combined with signal processing IC for X-ray detection
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com