Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 1 Page - Renesas Technology Corp

  M52957AFP Datasheet HTML 1Page - Renesas Technology Corp M52957AFP Datasheet HTML 2Page - Renesas Technology Corp M52957AFP Datasheet HTML 3Page - Renesas Technology Corp M52957AFP Datasheet HTML 4Page - Renesas Technology Corp M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rev.1.0, Sep.19.2003, page 1 of 13
M52957AFP
Distance Detection Signal Processing for 3V Supply Voltage
REJ03F0069-0100Z
Rev.1.0
Sep.19.2003
Description
M52957AFP is a semiconductor integrated circuit containing distance detection signal processing circuit for 3V supply
voltage.
This device transforms each optical inflow current I1 and I2 from PSD SENSOR into the voltage, and integrates that
output after doing calculation corresponds to I1/(I1+I2), and outputs it as the time data(pulse term).
Features
• Wide supply voltage range Vcc=2.2 to 5.5V
• Includes clamp level switching circuit
(Switch is 16 kinds by outside control)
• Includes STANDBY function
• Includes POWER ON RESET function
Application
Auto focus control for the CAMERA
Sensor for short distance etc
Recommended Operating Condition
Rated supply voltage • • • • • • • • • • • • • • • 3.0V
Supply voltage • • • • • • • • • • • • • • • 2.2 to 5.5V


Similar Part No. - M52957AFP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
M52957AFP HITACHI-M52957AFP Datasheet
186Kb / 14P
Distance Detection Signal Processing for 3V Supply Voltage
More results

Similar Description - M52957AFP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M52957FP MITSUBISHI-M52957FP Datasheet
49Kb / 9P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
M52959FP MITSUBISHI-M52959FP Datasheet
64Kb / 8P
PSD ON CHIP DISTANCE DETECTION SIGNAL PROCESSOR
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
Integrated Circuit CMOS, LSI for Supply Voltage Detection
logo
Sony Corporation
CX20037A SONY-CX20037A Datasheet
428Kb / 17P
AUDIO SIGNAL PROCESSING FOR VTR
logo
Hitachi Semiconductor
M52957AFP HITACHI-M52957AFP Datasheet
186Kb / 14P
Distance Detection Signal Processing for 3V Supply Voltage
M61006FP HITACHI-M61006FP Datasheet
469Kb / 16P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3 V SUPPLY VOLTAGE
logo
Renesas Technology Corp
M61005FP RENESAS-M61005FP Datasheet
4Mb / 11P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3V SUPPLY VOLTAGE
M61006FP RENESAS-M61006FP Datasheet
451Kb / 16P
DISTANCE DETECTION SIGNAL PROCESSING FOR 3 V SUPPLY VOLTAGE
logo
Hamamatsu Corporation
S8865-64G HAMAMATSU-S8865-64G Datasheet
480Kb / 15P
Photodiode array combined with signal processing IC for X-ray detection
S8865-64G HAMAMATSU-S8865-64G_15 Datasheet
679Kb / 15P
Photodiode array combined with signal processing IC for X-ray detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com