Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 5 Page - Renesas Technology Corp

  M52957AFP Datasheet HTML 1Page - Renesas Technology Corp M52957AFP Datasheet HTML 2Page - Renesas Technology Corp M52957AFP Datasheet HTML 3Page - Renesas Technology Corp M52957AFP Datasheet HTML 4Page - Renesas Technology Corp M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 5 of 13
Electrical characteristics (cont.)
(Ta = 25°C, VCC = 3.0V, unless otherwise noted.)
Limits
Classification
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Double
integration
CINT rapid charge
current
ICINTC
84
120
156
µA
VCI=1V
(CINT stable period)
*1
CINT reference voltage
VCINT
1.6
1.8
2.0
V
GND criterion
*1
The first integration
current
ICI1
4.06
5.80
7.54
µA
VCINT=1.5V
*1
The second integration
current
ICI2
−3.20
−2.46 −1.27 µA
VCHF=2V ,
VCHN=0V
*1
The first integration
current stability
percentage
∆ICI1
10
%
*2
The second integration
current stability
percentage
∆ICI2
10
%
*2
The first and second
integration current ratio
ICI12
2.12
2.36
2.60
| ICI1 | / | ICI2 |
AF output time(9:1)-1
D(9:1) - 1
11.78
13.40
15.02
msec
Near side9 : Far side1
*3
AF input
condition 1
AF output time(6:4)-1
D(6:4) - 1
7.77
8.95
10.13
msec
Near side6 : Far side4
*3
AF output time(3:7)-1
D(3:7) - 1
3.77
4.51
5.25
msec
Near side3 : Far side7
*3
AF slope -1
∆AF - 1
6.57
8.89
11.21
msec
*3
AF linearity-1
LAF - 1
0.9
1.0
1.1
*3
AF output time(9:1)-2
D(9:1) - 2
11.78
13.40
15.02
msec
Near side9 : Far side1
*3
AF input
condition 2
AF output time(6:4)-2
D(6:4) - 2
7.77
8.95
10.13
msec
Near side6 : Far side4
*3
AF output time(3:7)-2
D(3:7) - 2
3.77
4.51
5.25
msec
Near side3 : Far side7
*3
AF slope -2
∆AF - 2
6.57
8.89
11.21
msec
*3
AF linearity-2
LAF - 2
0.9
1.0
1.1
*3
AF output time(9:1)-3
D(9:1) - 3
11.78
13.40
15.02
msec
Near side9 : Far side1
*3
AF input
condition 3
AF output time(6:4)-3
D(6:4) - 3
7.77
8.95
10.13
msec
Near side6 : Far side4
*3
AF output time(3:7)-3
D(3:7) - 3
3.77
4.51
5.25
msec
Near side3 : Far side7
*3
AF slope -3
∆AF - 3
6.57
8.89
11.21
msec
*3
AF linearity-3
LAF - 3
0.9
1.0
1.1
*3
∆AF output time(9:1)
∆D(9:1)
280
µsec
Near side9 : Far side1
(Condition 1-2)
AF input
condition
1 minus 2
∆AF output time(6:4)
∆D(6:4)
280
µsec
Near side6 : Far side4
(Condition 1-2)
∆AF output time(3:7)
∆D(3:7)
280
µsec
Near side3 : Far side7
(Condition 1-2)
Data
SOUT leak current
ISOUTL
1.0
µA
VIN = 5.5V
SOUT saturation
voltage
VSOUTS
0.3
V
IOUT=500µA
Sensor
Signal light saturation
current
∆INF
3.0
µA
*4
Stationary light remove
current
IPSD
30
µA
*4
Clamp level
ICLAM
−30
30
%
Change quantity for
Typ. current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com