Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  M52957AFP Datasheet HTML 1Page - Renesas Technology Corp M52957AFP Datasheet HTML 2Page - Renesas Technology Corp M52957AFP Datasheet HTML 3Page - Renesas Technology Corp M52957AFP Datasheet HTML 4Page - Renesas Technology Corp M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 3 of 13
Absolute Maximum Ratings
(Ta = 25°C, unless otherwise noted.)
Parameter
Symbol
Ratings
Unit
Remark
Supply voltage
VCC
7.0
V
note 1
Power dissipation
Pd
320
mW
Ta=25°C
Thermal derating
K
θ
−3.2
mW/°C
Ta
≥25°C
Pin supply voltage
VIF
7.0
V
Pin5, 7, 8, 9, 10, 11
Another pin supply voltage
VI/O
−0.3 to VCC + 0.3
V
note 2
Output pin inflow current
Isout
0.5
mA
NPN open collector
Operating temperature
Topr
−10 to 50
°C
Storage temperature
Tstg
−40 to 125
°C
Notes : 1. As a principle, do not provide a supply voltage reversely.
2. As a principle, do not provide the terminals with the voltage over supply voltage or under ground voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com