Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M52957AFP Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # M52957AFP
Description  Distance Detection Signal Processing for 3V Supply Voltage
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M52957AFP Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button M52957AFP Datasheet HTML 2Page - Renesas Technology Corp M52957AFP Datasheet HTML 3Page - Renesas Technology Corp M52957AFP Datasheet HTML 4Page - Renesas Technology Corp M52957AFP Datasheet HTML 5Page - Renesas Technology Corp M52957AFP Datasheet HTML 6Page - Renesas Technology Corp M52957AFP Datasheet HTML 7Page - Renesas Technology Corp M52957AFP Datasheet HTML 8Page - Renesas Technology Corp M52957AFP Datasheet HTML 9Page - Renesas Technology Corp M52957AFP Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M52957AFP
Rev.1.0, Sep.19.2003, page 6 of 13
• *1 : Set up the logic control terminal, correspond to the parameter.
• *2 : Change ratio between the first integration current and the second integration current at a voltage of CINT that
is {CINT reference voltage(VCINT)-0.1V} and 1V.
The first integration current (CINT=1V)
The first integration current (CINT=VCINT-0.1V)
∆I CI1=( 1 -
) X 100%
The second integration current (CINT=1V)
The second integration current (CINT=VCINT-0.1V)
∆ICI 2=( 1 -
) X 100%
• *3 : Connect the resistance of 120ΚΩ instead of PSD and establish current output from PHOTO COUPLER
correspond to the parameter. And input the varied resistance ratio. And measure the pulse width of SOUT output at
that time, obtain AFslope and AF linearity from the equations below.
Input condition1: IPSD (Stationary light current)=0 I1+I2=100nA
Input condition2: IPSD (Stationary light current)=0 I1+I2=50nA
Input condition3: IPSD (Stationary light current)=10µA I1+I2=100nA
D(9 : 1) • • • The pulse width of SOUT output at input with I1:I2=9:1
D(6 : 4) • • • The pulse width of SOUT output at input with I1:I2=6:4
D(3 : 7) • • • The pulse width of SOUT output at input with I1:I2=3:7
AF slope : DAF = D(9 : 1) - D(7 : 3)
AF linearity : L(AF) = (D(9 : 1) - D(6 : 4)) / (D(6 : 4) - D(7 : 3))
PSD quite resistance : 120K
Ω
• *4 : The input current of one side channel when stationary light remove circuit and I/V transform AMP is not
saturated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com