Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA9109 Datasheet (PDF) - STMicroelectronics

TDA9109 Datasheet PDF - STMicroelectronics
Part # TDA9109
Download  TDA9109 Download
File Size   266.74 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9109 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA9109 Datasheet PDF - STMicroelectronics

Part # TDA9109
Download  TDA9109 Click to download

File Size   266.74 Kbytes
Page   30 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS

TDA9109 Datasheet (HTML) - STMicroelectronics


TDA9109 Product details

DESCRIPTION
The TDA9109/SN is a monolithic integrated circuit assembledin 32-pinshrink dual in line plastic package. This IC controls all the functionsrelated to the horizontal and vertical deflection in multimode or multi-frequency computer display monitors.
Theinternalsyncprocessor,combinedwith the very powerful geometry correction block make the TDA9109/SN suitable for very high performance monitors, using very few external components.
The horizontaljitter levelisverylow. It is particularly well suited for high-end 15” and 17” monitors.
Combined with the ST7275 Microcontroller family, TDA9206 (Video preamplifier) and STV942x (On-Screen Display controller) the TDA9109/SN allows fully I2C bus controlled computer display monitors to be built with a reduced number of external components.

HORIZONTAL
■ SELF-ADAPTATIVE
■ DUAL PLL CONCEPT
■ 150kHz MAXIMUM FREQUENCY
■ X-RAY PROTECTION INPUT
■ I2C CONTROLS : H-POSITION, FREQUENCY GENERATORFORBURN-IN MODE

VERTICAL
■ VERTICAL RAMP GENERATOR
■ 50 TO 185Hz AGC LOOP
■ GEOMETRY TRACKING WITH VPOS & VAMP
■ I2C CONTROLS : VAMP, VPOS, S-CORR, C-CORR
■ DC BREATHING COMPENSATION

I2C GEOMETRY CORRECTIONS
■ VERTICAL PARABOLA GENERATOR (Pin Cushion - E/W, Keystone, Corner)
■ HORIZONTAL DYNAMIC PHASE (Side Pin Balance & Parallelogram)
■ VERTICAL DYNAMIC FOCUS (Vertical Focus Amplitude)

GENERAL
■ SYNC PROCESSOR
■ 12V SUPPLY VOLTAGE
■ 8V REFERENCE VOLTAGE
■ HOR. & VERT. LOCK/UNLOCK OUTPUTS
■ READ/WRITE I2C INTERFACE
■ HORIZONTAL AND VERTICAL MOIRE
■ B+ REGULATOR
   - INTERNAL PWM GENERATOR FOR B+ CURRENT MODE STEP-UP CONVERTER
   - SOFT START
   - I2C ADJUSTABLEB+ REFERENCE VOLTAGE
   - OUTPUT PULSES SYNCHRONIZED ON HORIZONTAL FREQUENCY
   - INTERNALMAXIMUMCURRENTLIMITATION
■ COMPARED WITH THE TDA9109, THE TDA9109/SN HAS :
   - CORNER CORRECTION,
   - HORIZONTAL MOIRÉ,
   - B+ SOFT START,
   - INCREASED MAX.VERTICALFREQUENCY,
   - NO HORIZONTAL FOCUS,
   - NO STEPDOWNOPTIONFOR DC/DC CONVERTER,
   - NO I2C FREE RUNNING ADJUSTMENT,
   - FIXED HORIZONTAL DUTY CYCLE (48%),
   - INCREASED MAXIMUM STORAGE TIME OF THE HORIZONTAL SCANNING TRANSISTOR.




Similar Part No. - TDA9109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9109 STMICROELECTRONICS-TDA9109 Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109A STMICROELECTRONICS-TDA9109A Datasheet
509Kb / 47P
LOW-COST I2C CONTROLLED DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
Jun-2000
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
More results


Similar Description - TDA9109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA9105 STMICROELECTRONICS-TDA9105 Datasheet
340Kb / 32P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1996
TDA9105A STMICROELECTRONICS-TDA9105A Datasheet
340Kb / 31P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jul-1997
TDA9106 STMICROELECTRONICS-TDA9106 Datasheet
319Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9106A STMICROELECTRONICS-TDA9106A Datasheet
317Kb / 30P
LOW COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Nov-1997
TDA9109N STMICROELECTRONICS-TDA9109N Datasheet
303Kb / 32P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9109S STMICROELECTRONICS-TDA9109S Datasheet
293Kb / 30P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Jun-1998
TDA9110 STMICROELECTRONICS-TDA9110 Datasheet
268Kb / 29P
LOW-COST DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
Dec-1997
logo
Samsung semiconductor
KB2511B SAMSUNG-KB2511B Datasheet
337Kb / 35P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
KB2512 SAMSUNG-KB2512 Datasheet
365Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
S1D2512X01 SAMSUNG-S1D2512X01 Datasheet
376Kb / 36P
DEFLECTION PROCESSOR FOR MULTISYNC MONITORS
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com