Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S104F Datasheet (PDF) - Vishay Siliconix

S104F Datasheet PDF - Vishay Siliconix
Part # S104F
Download  S104F Download
File Size   121.19 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %

S104F Datasheet (PDF)

Go To PDF Page Download Datasheet
S104F Datasheet PDF - Vishay Siliconix

Part # S104F
Download  S104F Click to download

File Size   121.19 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %

S104F Datasheet (HTML) - Vishay Siliconix


S104F Product details

INTRODUCTION

Bulk Metal® Foil (BMF) technology outperforms all other resistor technologies available today for applications that require high precision and high stability. This technology has been pioneered and developed by VISHAY, and products based on this technology are the most suitable for a wide range of applications. BMF technology allows us to  produce customer orientated products, designed to satisfy challenging and specific technical requirements.



FEATURES

•Temperature coefficient of resistance (TCR): - 55 °C to + 125 °C, 25 °C ref.

  −S102C series: ± 2 ppm/°C typical (see table 1)

  −S102K series: ± 1 ppm/°C typical (see table 1)

•Rated power: to 1 W at + 125 °C

•Tolerance: ± 0.005 %

•Load life stability: to ± 0.005 % at 70 °C, 2000 h at rated power

•Resistance range: 0.5 Ω to 1 MΩ(higher or lower values of resistance are available)

•Electrostatic discharge above 25 000 V

•Non inductive, non capacitive design

•Rise time: 1 ns without ringing




Similar Part No. - S104F

ManufacturerPart #DatasheetDescription
logo
Brady Worldwide, Inc.
S104FE/R BRADY-S104FE/R Datasheet
32Kb / 1P
Fire Exit Sign (Arrow Right)
More results


Similar Description - S104F

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
19-Apr-07
VSM VISHAY-VSM Datasheet
131Kb / 4P
High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
18-Sep-08
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
03-Nov-08
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
14-Nov-07
DSM VISHAY-DSM Datasheet
121Kb / 5P
High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
05-Jun-07
Y1748120R500S VISHAY-Y1748120R500S Datasheet
132Kb / 5P
Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
17-Jun-08
Y16363K00000T9W VISHAY-Y16363K00000T9W Datasheet
433Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with Temperature Coefficient of Resistance of ± 0.05 ppm/°C, Load Life Stability to ± 0.005 % (50 ppm) and ESD Immunity up to 25 kV
26-Mar-10
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
29-Oct-2012
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com