Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S104F Datasheet(PDF) 5 Page - Vishay Siliconix

Part # S104F
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S104F Datasheet(HTML) 5 Page - Vishay Siliconix

  S104F Datasheet HTML 1Page - Vishay Siliconix S104F Datasheet HTML 2Page - Vishay Siliconix S104F Datasheet HTML 3Page - Vishay Siliconix S104F Datasheet HTML 4Page - Vishay Siliconix S104F Datasheet HTML 5Page - Vishay Siliconix S104F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Document Number: 63001
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 20-Nov-07
5
S Series
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Vishay Foil Resistors
Note
* For non-standard requests, please contact application engineering.
TABLE 5 - GLOBAL PART NUMBER INFORMATION
NEW GLOBAL PART NUMBER: Y000780K5000V9L (preferred part number format)
DENOTES PRECISION
VALUE
AER*
YR =
Ω
K = k
Ω
M = M
Ω
0 = standard
9 = lead (Pb)-free
1 - 999 = custom
PRODUCT CODE
RESISTANCE TOLERANCE
PACKAGING
0007 = S102C
0785 = S102J
0062 = S102K
0786 = S102L
0011 = S104D
5011 = S104F
0101 = S104K
4101 = S104L
0012 = S105D
4012 = S105F
0102 = S105K
4102 = S105L
0013 = S106D
0103 = S106K
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
L = bulk pack
FOR EXAMPLE: ABOVE GLOBAL ORDER Y0007 80K5000 V 9 L:
TYPE: S102C
VALUE: 80.5 k
Ω
ABSOLUTE TOLERANCE: ± 0.005 %
TERMINATION: lead (Pb)-free
PACKAGING: bulk pack
HISTORICAL PART NUMBER: S102C T 250R00 V B (will continue to be used)
S102C
T
250R00
V
B
MODEL
TERMINATION
RESISTANCE VALUE
TOLERANCE
PACKAGING
S102C
S102J
S102K
S102L
S104D
S104F
S104K
S104L
S105D
S105F
S105K
S105L
S106D
S106K
T = lead (Pb)-free
None = tin/lead alloy
250R00 = 250.00
Ω
5K2310 = 5.231 k
Ω
1M000 = 1 M
Ω
V = ± 0.005 %
T = ± 0.01 %
Q = ± 0.02 %
A = ± 0.05 %
B = ± 0.1 %
C = ± 0.25 %
D = ± 0.5 %
F = ± 1.0 %
B = bulk pack
0
078
K
5
0
0
Y0
V9
0
L
0



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com