Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S104F Datasheet(PDF) 4 Page - Vishay Siliconix

Part # S104F
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S104F Datasheet(HTML) 4 Page - Vishay Siliconix

  S104F Datasheet HTML 1Page - Vishay Siliconix S104F Datasheet HTML 2Page - Vishay Siliconix S104F Datasheet HTML 3Page - Vishay Siliconix S104F Datasheet HTML 4Page - Vishay Siliconix S104F Datasheet HTML 5Page - Vishay Siliconix S104F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S Series
Vishay Foil Resistors High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63001
4
Revision: 20-Nov-07
STANDARD OPERATIONS AND TEST
CONDITIONS
A. Standard Test Operations:
By 100 % Inspection
• Short-time overload (6.25 x rated power for 5 s)
• Resistance – tolerance check
• Visual and mechanical
By Sample Inspection
• TCR
• Environmental tests per table 3 on a quarterly basis to
establish performance by similarity
B. Standard Test Conditions:
• Lead test point: 0.5" (12.7 mm) from resistor body
• Temperature: + 23 °C ± 2 °C
• Relative humidity: per MIL-STD-202
IMPROVED PERFORMANCE TESTING (IPT)
The preceding information is based on product directly off
the
production
line. Improved
performance
(meaning
increased time stability with load and other stresses) is
available through factory conducted “Improved Performance
Testing”. The test routine is usually tailored to the users
stability objectives and product that has been screened can
be brought down to a potential load life of less than 50 ppm.
Various screen test routines are available and all anticipated
stresses must be taken into account before settling on one
specific
test
routine.
Our
Applications
Engineering
Department is prepared to discuss and recommend
appropriate routines given the full spectrum of anticipated
stresses and stability requirements.
Notes
1. Load life
ΔR maximum can be reduced by 80 %, please contact Applications Engineering Department.
2. Inductance (L) due mainly to the leads.
3. The resolution limit of existing test equipment (within the measurement capability of the equipment, or “essentially zero”.)
4. µV/°C relates to EMF due to lead temperature difference and µV/watt due to power applied to the resistor.
TABLE 4 - “S” SERIES SPECIFICATIONS
Stability1)
Load life at 2000 h
± 0.015 % (150 ppm)
Maximum
ΔR at 0.3 W/+ 125 °C
± 0.005 % (50 ppm)
Maximum
ΔR at 0.1 W/+ 70 °C
Load life at 10 000 h
± 0.05 % (500 ppm)
Maximum
ΔR at 0.3 W/+ 125 °C
± 0.01 % (100 ppm)
Maximum
ΔR at 0.05 W/+ 125 °C
Current Noise
0.010 µV
(RMS)/V of applied voltage (- 40 dB)
High Frequency Operation
Rise time
1.0 ns at 1 k
Ω
Inductance (L)2)
0.1 µH maximum; 0.08 µH typical
Capacitance (C)
1.0 pF maximum; 0.5 pF typical
Voltage Coefficient
< 0.1 ppm/V3)
Thermal EMF4)
0.1 µV/°C
Maximum; 0.05 µV/°C typical
1 µV/W
(Model S102C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com