Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S104F Datasheet(PDF) 3 Page - Vishay Siliconix

Part # S104F
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S104F Datasheet(HTML) 3 Page - Vishay Siliconix

  S104F Datasheet HTML 1Page - Vishay Siliconix S104F Datasheet HTML 2Page - Vishay Siliconix S104F Datasheet HTML 3Page - Vishay Siliconix S104F Datasheet HTML 4Page - Vishay Siliconix S104F Datasheet HTML 5Page - Vishay Siliconix S104F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Document Number: 63001
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 20-Nov-07
3
S Series
High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Vishay Foil Resistors
FIGURE 3 - POWER DERATING CURVE
200 %
175 %
150 %
125 %
100 %
75 %
50 %
25 %
0
- 75
- 50
- 25
0
+ 25
+ 50
+ 75
+ 100 + 125 + 150 + 175 + 200
Ambient Temperature (
°C)
- 55 °C
+ 70 °C
Double Rated Power
Rated Power
∆
Safe operation
for < 150 ppm
R after 2000
hours load-life.
FIGURE 4 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Change in
Current Direction
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming
TABLE 3 - ENVIRONMENTAL PERFORMANCE COMPARISON
MIL-PRF-55182
CHAR J
S-SERIES
MAXIMUM
ΔR
S-SERIES
TYPICAL
ΔR
Test Group I
Thermal shock, 5 x (- 65 °C to + 150 °C)
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Short time overload, 6.25 x rated power
± 0.2 %
± 0.01 % (100 ppm)
± 0.003 % (30 ppm)
Test Group II
Resistance temperature characteristics
± 25 ppm/°C
± 4.5 ppm/°C
± 2.0 ppm/°C
Characteristic
Low temperature storage (24 h at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Low temperature operation
(45 min, rated power at - 65 °C)
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Terminal strength
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group III
DWV
± 0.15 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Resistance to solder heat
± 0.1 %
± 0.01 % (100 ppm)
± 0.005 % (50 ppm)
Moisture resistance
± 0.4 %
± 0.05 % (500 ppm)
± 0.01 % (100 ppm)
Test Group IV
Shock
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Vibration
± 0.2 %
± 0.01 % (100 ppm)
± 0.002 % (20 ppm)
Test Group V
Life test at 0.3 W/+ 125 °C
2000 h
± 0.5 %
± 0.015 % (150 ppm)
± 0.01 % (100 ppm)
10 000 h
± 2.0 %
± 0.05 % (500 ppm)
± 0.03 % (300 ppm)
Test Group Va
Life test at 0.6 W (2 x rated power)/+ 70 °C, 2000 h
± 0.5 %
± 0.015 % (150 ppm)
± 0.01 % (100 ppm)
Test Group VI
High temperature exposure (2000 h at + 175 °C)
± 2.0 %
± 0.1 % (1000 ppm)
± 0.05 % (500 ppm)
Test Group VII
Voltage coefficient
5 ppm/V
< 0.1 ppm/V
< 0.1 ppm/V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com