Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S104F Datasheet(PDF) 2 Page - Vishay Siliconix

Part # S104F
Description  High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

S104F Datasheet(HTML) 2 Page - Vishay Siliconix

  S104F Datasheet HTML 1Page - Vishay Siliconix S104F Datasheet HTML 2Page - Vishay Siliconix S104F Datasheet HTML 3Page - Vishay Siliconix S104F Datasheet HTML 4Page - Vishay Siliconix S104F Datasheet HTML 5Page - Vishay Siliconix S104F Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
S Series
Vishay Foil Resistors High Precision Foil Resistor with TCR of ± 2.0 ppm/°C,
Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
www.vishay.com
For any questions, contact: foil@vishay.com
Document Number: 63001
2
Revision: 20-Nov-07
Notes
1. S104F and S105F have different package dimensions (see last column). All other specifications are the same.
2. 0.200" (5.08 mm) lead spacing available - specify S102J for S102C, and S102L for S102K.
FIGURE 2 - STANDARD IMPRINTING AND DIMENSIONS
Note
1. The standoffs shall be so located as to give a lead clearance of 0.010" minimum between the resistor body and the printed circuit board
when the standoffs are seated on the printed circuit board. This is to allow for proper cleaning of flux and other contaminants from the unit
after all soldering processes.
TABLE 2 - MODEL SELECTION
MODEL
NUMBER
RESISTANCE
RANGE
(
Ω)
MAXIMUM
WORKING
VOLTAGE
AMBIENT
POWER RATING
AVERAGE
WEIGHT
IN GRAMS
DIMENSIONS
TIGHTEST
TOLERANCE
VS. LOWEST
RESISTANCE
VALUE
at
+ 70 °C
at
+ 125 °C
INCHES
mm
F1)
(INCHES)
S102C
(S102J)2)
1 to 150K
300
0.6 W
0.3 W
0.6
W: 0.105 ± 0.010
L: 0.300 ± 0.010
H: 0.326 ± 0.010
ST: 0.010 min.
SW: 0.035 ± 0.010
LL: 1.000 ± 0.125
LS: 0.150 ± 0.0054
2.67 ± 0.25
7.62 ± 0.25
8.28 ± 0.25
0.254 min.
1.02 ± 0.13
25.4 ± 3.18
3.81 ± 0.13
0.005 %/50
Ω
0.01 %/25
Ω
0.02 %/12
Ω
0.05 %/5
Ω
0.1 %/2
Ω
0.25 %/2
Ω
0.50 %/1
Ω
1.0 %/1
Ω
up to 100K
S102K
(S102L)2)
1 to 100K
0.4 W
0.2 W
over 100K
S104D
(S104F)1)
1 to 500K
350
1.0 W
0.5 W
1.4
W: 0.160 max.
L: 0.575 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.400 ± 0.020
4.06 max.
14.61 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
10.16 ± 0.51
(0.138)
(0.565)
(0.413)
up to 200K
S104K
1 to 300K
0.6 W
0.3 W
over 200K
S105D
(S105F)1)
1 to 750K
350
1.5 W
0.75 W
1.9
W: 0.160 max.
L: 0.820 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.650 ± 0.020
4.06 max.
20.83 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
16.51 ± 0.51
(0.138)
(0.890)
(0.413)
(0.7 ±
0.02)
up to 300K
S105K
1 to 500K
0.8 W
0.4 W
over 300K
S106D
0.5 to 1M
500
2.0 W
1.0 W
4.0
W: 0.260 max.
L: 1.200 max.
H: 0.413 max.
ST: 0.035 ± 0.005
SW: 0.050 ± 0.005
LL: 1.000 ± 0.125
LS: 0.900 ± 0.020
6.60 max.
30.48 max.
10.49 max.
0.889 ± 0.13
1.27 ± 0.13
25.4 ± 3.18
22.86 ± 0.51
up to 400K
S106K
0.5 to 600K
1.0 W
0.5 W
over 400K
LS
Model Number
VISHAY
XXXX
S102C
ST
1)
H
L
Date Code
W
Front View
Rear View
Lead Material #22 AWG
Round Solder Coated Copper
Optional Customer Part Number
Print specification, etc. if required
Resistance
Value Code
Tolerance
XXXXXX
100R01
0.01 %
LL
SW
10
Week
01
Year



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com