Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet (PDF) - STMicroelectronics

TS7514 Datasheet PDF - STMicroelectronics
Part # TS7514
Download  TS7514 Download
File Size   170.12 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE V.23 MODEM WITH DTMF

TS7514 Datasheet (PDF)

Go To PDF Page Download Datasheet
TS7514 Datasheet PDF - STMicroelectronics

Part # TS7514
Download  TS7514 Click to download

File Size   170.12 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description PROGRAMMABLE V.23 MODEM WITH DTMF

TS7514 Datasheet (HTML) - STMicroelectronics


TS7514 Product details

DESCRIPTION

The TS7514 is an FSK modem which can be programmed for asynchronous half-duplex voice bandcommunications ona 2-wireline or full duplex on a 4-wire line. Its programming concept makes it the ideal component to design low-cost intelligent modems, featuring auto dialing and auto answering. The TS7514 conforms to CCITT V.23 recommendation. The chip incorporates DTMF dialing, line monitoring, tone and dialing detection.



• PROGRAMMABLE MODES :

   - Modem 75bps transmit, 1200bps receive

   - Modem 1200bps transmit, 75bps receive

   - DTMF dialing

   - Call status tone detection

   - Auxiliary analog transmit input

   - Analog test loopback

. PROGRAMMABLE FUNCTIONS :

   - Transmission level

   - Hysteresis and detection level

   - Filters (reception and transmission)

   - Line monitoring and buzzer

   - DTMF frequencies

• FIXED COMPROMISE LINE EQUALIZER

• AUTOMATIC BIAS ADJUSTMENT

• INTEGRATED DUPLEXER

• STANDARD LOW COST CRYSTAL (3.579MHz)

• TAX TONE REJECTION

• POWER-UP INITIALIZATION OF REGISTERS

• OPERATES FROM ±5V

• CMOS



 




Similar Part No. - TS7514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS751 ETC1-TS751 Datasheet
171Kb / 2P
6A Silicon Rectifiers
logo
Taiwan Semiconductor Co...
TS751 TSC-TS751 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
STMicroelectronics
TS7515 STMICROELECTRONICS-TS7515 Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
TS7515CP STMICROELECTRONICS-TS7515CP Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
TS7515IP STMICROELECTRONICS-TS7515IP Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
More results


Similar Description - TS7514

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
CCITT V.23, V.21 Single-Chip Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
V.23 / Bell 202 Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
V.21/V.23 TELEMETER MODEM
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com