Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 4 Page - STMicroelectronics

  TS7514 Datasheet HTML 1Page - STMicroelectronics TS7514 Datasheet HTML 2Page - STMicroelectronics TS7514 Datasheet HTML 3Page - STMicroelectronics TS7514 Datasheet HTML 4Page - STMicroelectronics TS7514 Datasheet HTML 5Page - STMicroelectronics TS7514 Datasheet HTML 6Page - STMicroelectronics TS7514 Datasheet HTML 7Page - STMicroelectronics TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
FUNCTIONAL DESCRIPTION
The TS7514 circuit is an FSK modem for half-du-
plex, voice-band asynchronoustransmissions on a
2-wire line according to CCITT recommendation
V.23 or full duplex on 4 wire-line.
The circuit features DTMF dialing, call status tone
detection and line monitoring in both dialing and
automaticanswer modes. A signalling frequency is
available at the line monitoring output (buzzer).
Ring detection is possible by using the signal de-
tection function and bypassing the receive filter.
The receive signal at ZCO output can be filtered in
the associated microprocessor.
The TRANSMIT channel (Tx) includes :
- Two programmable frequency generators.
- One switched capacitor filter (SCF) with low-pass
or bandpass configuration and its associated
propagation delay corrector.
- One continuous time low-pass smoothing filter.
- One attenuator, programmable from 0 to + 13dB
by 1dB steps.
- One programmable analog input.
The RECEIVE channel (Rx) includes :
- Two operational amplifiers for duplexer imple-
mentation.
- One continuous time low-pass anti-aliasing filter.
- One programmable gain amplifier.
- One linear compromise equalizer.
- One switched capacitor band pass filter (can be
set to either main or back channel).
- One continuous time low pass smoothing filter.
- One limiting amplifier.
- One correlation demodulator.
- One programmable level signal detector.
The LINE MONITORING channel includes :
- One buzzer.
- One 3-channel multiplexer to select beetwen :
- Transmit channel monitoring.
- Receive channel monitoring.
- Buzzer.
- One programmable attenuator
Internal Control
Power-up Initialization
The TS7514includes power-up initialization of con-
trol registers. This system sets the ATO transmis-
sion output to an infinite attenuation position,
leaving time for the microprocessor to set up the
RPROG input on power up. Control registers are
also initialized when V+ is lower than 3V or V-
greater than -3V.
Registers
Writeaccess to the DTMF data registerand to other
control registers is achieved in serial mode through
TxD input or PRD input. Addressing of these 4 bit
registers is indirect. They are accessed through an
8 bit shift register addressed when MOD/DTMF = 0
and MC/BC = 0. Data sent to the TxD input is
strobed on the RTS signal trailing edge.
Serial data is sent to the TxD input, with Least
Significant Bit (LSB) first. The 4 Most Significant
Bits (MSB) contain the control register address
while the 4 LSB contain associated data.
Data transfer from the input register to the control
register (addressed by the MSB’s) is started by the
operating mode (MODEM or DTMF) selection
(MOD/DTMF = 1 or MC/BC = 1).
D0
D1
D2
D3
D4
D5
D6
D7
MOD/DTMF
MC/BC
RTS
TxD or PRD
Data
Address
Time
RPROG
RDTMF
RATTE
RWLO
RPTF
RHDL
RPRX
RPROG
TxD or
PRD
RTS
CLK
Datas
Addresses
8-BIT SHIFT REGISTER
(Input Register)
4-Bit Control
Register
Figure 2 : Internal Control Register
TS7514
4/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com