Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS7514 Datasheet HTML 3Page - STMicroelectronics TS7514 Datasheet HTML 4Page - STMicroelectronics TS7514 Datasheet HTML 5Page - STMicroelectronics TS7514 Datasheet HTML 6Page - STMicroelectronics TS7514 Datasheet HTML 7Page - STMicroelectronics TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics TS7514 Datasheet HTML 10Page - STMicroelectronics TS7514 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
CARRIER LEVEL DETECTOR
- Output Level Detection conditions
The DCD signal detector output is set to logic
state 0 if the RMS value of the demodulator input
signal is greater than N1. The DCD output has
logic state 1 if the RMS value is less than N2.
The detector has an hysteresis effect : N1 - N2.
- Timing Detection Requirements
Signal detection time constants at the DCD out-
put comply with CCITT Recommendation V.23.
Modu lation Ratio
DCD Transition
CCITT V.23 (min)
Min.
Max.
CCITT V.23 (max)
Unit
1200bps
t1
t2
10
5
10
5
20
15
20
15
ms
ms
75bps (Note 1)
t1
t2
0
15
15
15
40
40
80
80
ms
ms
Note 1 : wide band Rx filter used (see Figure 7c).
N1
0V
N1
LINE
DCD
t
2
t
1
Note :
When delays are bypassed (see RPRX register programming) response time ranges from 0 to 5ms in receive mode at 1200bps,
and from 0 to 10ms at 75bps.
Figure 4 : Signal Detection Time Out
PROGRAMMING REGISTER (RPROG)
Address
Data
Selected Mode (note 1)
D7
D6
D5
D4
D3
D2
D1
D0
X
000
0
0
X
X
0
1
0
1
The most significant bit (D7) is not used when decoding control
register addresses.
0
X
0
1
Control register addressing is enabled when D7 = 0 (see note 2).
0
X
1
0
Control register addressing is enabled when D7 = 1 (see note 2).
0
0
X
X
Reception positioned in the channel opposite tothe transmission
channel controlled by MC/BC
0
1
X
X
Reception positioned in the same channel as transmission
(see note 3).
1
X
X
X
Programming inhibited in normal operating mode. This mode is
used for testing purposes.
Notes : 1. RPROG is set to 0000 on power-up.
2. Excepted for RPROG register whose address is always 000, regardless of D0 and D1.
3. This mode allows either full duplex operation on a 4-wire line, or circuit testing with external Tx/Rx loopback.
TS7514
7/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com