Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet(PDF) 8 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TS7514 Datasheet HTML 4Page - STMicroelectronics TS7514 Datasheet HTML 5Page - STMicroelectronics TS7514 Datasheet HTML 6Page - STMicroelectronics TS7514 Datasheet HTML 7Page - STMicroelectronics TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics TS7514 Datasheet HTML 10Page - STMicroelectronics TS7514 Datasheet HTML 11Page - STMicroelectronics TS7514 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
DTMF DIALING DATA REGISTER (RDTMF REGISTER)
Address
Data
Tone Frequency (Hz)
D7
D6
D5
D4
D3
D2
D1
D0
Low
High
P
001
X
X
00
697
X
X
X
0
1
770
X
X
X
1
0
852
X
X
X
1
1
941
X
0
0
X
X
X
1209
0
1
X
X
X
1336
1
0
X
X
X
1477
1
1
X
X
X
1633
Notes : This register is not initialized on power-up.
X : don’t care value.
P : 1,0 or X depending upon RPROG content.
DATA REGISTER FOR THE TRANSMISSION ATTENUATOR (RATE REGISTER)
Address
Data
Attenuation
(dB)
Output Transmit
Level (dBm)
On Line Level (dBm)
Coupler Gain (- 6dB)
D7
D6
D5
D4
D3
D2
D1
D0
P
010
00
00
0
+ 4
– 2
00
01
1
+ 3
00
10
2
+ 2
– 4
00
11
3
+ 1
– 5
01
00
4
0
– 6
01
01
5
– 1
– 7
01
10
6
– 2
– 8
01
11
7
– 3
– 9
10
00
8
– 4
– 10
10
01
9
– 5
– 11
10
10
10
– 6
– 12
10
11
11
– 7
– 13
11
00
12
– 8
– 14
11
01
13
– 9
– 15
1
1
1
0
Infinite
< – 64
< – 70
1
1
1
1
Infinite*
< – 64 *
< – 70 *
* Power-up configuration.
LINE MONITORING PROGRAMMING REGISTER (RWLO REGISTER)
Address
Data
Line Monitoring In Transmit
Mode Relative Level (dB)
Line Monitoring In Receive
Mode Relative Level (dB)
D7
D6
D5
D4
D3
D2
D1
D0
P
011
00
00
– 10
00
01
– 20
00
10
– 31
00
11
– 42
01
00
0
01
01
– 10
01
10
– 20
01
11
– 31
1
0
0
0
0.42 VPP
1
0
0
1
– 10dB
1
0
1
0
– 20dB
1
0
1
1
– 31dB
1
1
X
X
< – 60dB*
* Power-up configuration.
Note : Signaling frequency is a square wave signal at 2982Hz.
TS7514
8/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com