Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 1 Page - STMicroelectronics

  TS7514 Datasheet HTML 1Page - STMicroelectronics TS7514 Datasheet HTML 2Page - STMicroelectronics TS7514 Datasheet HTML 3Page - STMicroelectronics TS7514 Datasheet HTML 4Page - STMicroelectronics TS7514 Datasheet HTML 5Page - STMicroelectronics TS7514 Datasheet HTML 6Page - STMicroelectronics TS7514 Datasheet HTML 7Page - STMicroelectronics TS7514 Datasheet HTML 8Page - STMicroelectronics TS7514 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TS7514
PROGRAMMABLE V.23 MODEM WITH DTMF
November 1998
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
24
23
22
21
11
12
AXTL
WLO
ATO
V+
RAO1
RAI1
RAI2
RAO2
RFO
RDI
AGND
V-
MOD/DTMF
MC/BC
RTS
ENP
DGND
TxD
PRD
XTAL IN
XTAL OUT
DCD
RxD
ZCO
DIP24
5
6
7
8
9
10
11
25
24
23
22
21
20
19
V+
AGND
V-
RAO1
RAI1
RAI2
N/C
XTAL OUT
XTAL IN
N/C
PRD
TxD
DGND
ENP
PLCC28
ORDER CODES
Part Number
Temperature Range
Package
TS7514CP
0 to 70
oC
DIP24
TS7514CFN
0 to 70
oC
PLCC28
.
PROGRAMMABLE MODES :
- Modem 75bps transmit, 1200bps receive
- Modem 1200bps transmit, 75bps receive
- DTMF dialing
- Call status tone detection
- Auxiliary analog transmit input
- Analog test loopback
.
PROGRAMMABLE FUNCTIONS :
- Transmission level
- Hysteresis and detection level
- Filters (reception and transmission)
- Line monitoring and buzzer
- DTMF frequencies
.
FIXED COMPROMISE LINE EQUALIZER
.
AUTOMATIC BIAS ADJUSTMENT
.
INTEGRATED DUPLEXER
.
STANDARD LOW COST CRYSTAL (3.579MHz)
.
TAX TONE REJECTION
.
POWER-UP INITIALIZATION OF REGISTERS
.
OPERATES FROM
±5V
.
CMOS
DESCRIPTION
The TS7514 is an FSK modem which can be
programmed for asynchronous half-duplex voice-
band communications on a 2-wire line or full duplex
on a 4-wire line. Its programming concept makes it
the ideal component to design low-cost intelligent
modems, featuring auto dialing and auto answer-
ing. The TS7514 conforms to CCITT V.23 recom-
mendation. The chip incorporates DTMF dialing,
line monitoring, tone and dialing detection.
DIP24
(Plastic Package)
PLCC28
(Plastic Leaded Chip Carrier Package)
1/19


Similar Part No. - TS7514

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TS751 ETC1-TS751 Datasheet
171Kb / 2P
6A Silicon Rectifiers
logo
Taiwan Semiconductor Co...
TS751 TSC-TS751 Datasheet
66Kb / 2P
6.0 AMPS. Silicon Rectifiers
logo
STMicroelectronics
TS7515 STMICROELECTRONICS-TS7515 Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
TS7515CP STMICROELECTRONICS-TS7515CP Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
TS7515IP STMICROELECTRONICS-TS7515IP Datasheet
932Kb / 14P
SINGLE CHIP DPSK AND FSK MODEM
Jun-1995
More results

Similar Description - TS7514

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7512B OKI-MSM7512B Datasheet
111Kb / 12P
1200 bps Half Duplex FSK Modem - ITU-T V.23
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
List of Unclassifed Man...
73K324L ETC-73K324L Datasheet
183Kb / 31P
CCITT V.22bis, V.22, V.21, V.23, Bell 212A Single-Chip Modem
logo
TDK Electronics
73K322L TDK-73K322L Datasheet
288Kb / 30P
CCITT V.23, V.22, V.21 Single-Chip Modem
73K321L TDK-73K321L Datasheet
140Kb / 24P
CCITT V.23, V.21 Single-Chip Modem
logo
Motorola, Inc
MC145446A MOTOROLA-MC145446A Datasheet
267Kb / 14P
SINGLE-CHIP 300-BAUD MODEM WITH DTMF TRANSCEIVER
logo
Bel Fuse Inc.
2791C BEL-2791C Datasheet
34Kb / 2P
MODEM MAGNETICS V.90 Modem Transformer
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
logo
CML Microcircuits
CMX624 CMLMICRO-CMX624 Datasheet
707Kb / 26P
V.23 / Bell 202 Modem
logo
Motorola, Inc
MC145745 MOTOROLA-MC145745 Datasheet
175Kb / 16P
V.21/V.23 TELEMETER MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com