Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS7514 Datasheet(PDF) 17 Page - STMicroelectronics

Part # TS7514
Description  PROGRAMMABLE V.23 MODEM WITH DTMF
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS7514 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TS7514 Datasheet HTML 11Page - STMicroelectronics TS7514 Datasheet HTML 12Page - STMicroelectronics TS7514 Datasheet HTML 13Page - STMicroelectronics TS7514 Datasheet HTML 14Page - STMicroelectronics TS7514 Datasheet HTML 15Page - STMicroelectronics TS7514 Datasheet HTML 16Page - STMicroelectronics TS7514 Datasheet HTML 17Page - STMicroelectronics TS7514 Datasheet HTML 18Page - STMicroelectronics TS7514 Datasheet HTML 19Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
POWER SUPPLIES DECOUPLING AND LAYOUT CONSIDERATIONS
Power supplies to digital systems may contain high
amplitude spikes and other noise. To optimize per-
formances of the TS7514 operating in close prox-
imity to digital systems, supply and ground noise
should be minimized.
This involves attentionto power supply design and
circuit board layout.
The power supplies should be bypassed with tan-
talum or electrolytic capacitors to obtain noise free
operation. These capacitors should be located
close to the TS7514. The electrolytic type capaci-
tors for improved high frequency performance.
Power supplies connections should be short and
direct. Ground loops should be avoided.
+5V
-5V
10
µF10µF
++
External
Signal
100nF
To
Loudspea ker
Amplifier
39k
Ω
270k
Ω
1.5k
Ω
1
µF
CTP 120
Ω
(670 90003)
(*)
L1/TPH1
L2
TRISIL
(TPA 270A 18)
TPH2
Transfo.
(EMT L 162)
3.579MHz
(LS04)
4.7k
Ω
+5V
C
O
N
T
R
O
L
S
EXTAL
U.A.R.T.
M.C.U.
(*) : Regulation Required in France Only
TxD
RxD
PRD
RTS
MC/BC
MOD/DTMF
ENP
DCD
ZCO
XTAL OUT
XTAL IN
RDI
RFO
WLO
RAO2
RAI2
ATO
RAI1
RAO1
V+
ATxI
GNDD GNDA
V-
T
S
7
5
1
4
100nF
100nF
TYPICAL APPLICATION INFORMATION
TS7514
17/19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com