Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1S30 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

1S30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # 1S30
Download  1S30 Download
File Size   279.44 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers

1S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
1S30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # 1S30
Download  1S30 Click to download

File Size   279.44 Kbytes
Page   2 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers

1S30 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH


1S30 Product details



FEATURES

*Low forward voltage drop

*High current capability

*High reliability

*High surge current capability

*Epitaxial construction




Similar Part No. - 1S30

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
1S30 RECTRON-1S30 Datasheet
27Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
1S30 FORMOSA-1S30 Datasheet
33Kb / 2P
1.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Micro Commercial Compon...
1S30 MCC-1S30 Datasheet
86Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
DAESAN ELECTRONIC CORP.
1S30 DAESAN-1S30 Datasheet
350Kb / 2P
CURRENT 1.0Ampere VOLTAGE 20 to 40 Volts
logo
Galaxy Semi-Conductor H...
1S30 BILIN-1S30 Datasheet
179Kb / 2P
SCHOTTKY BARRIER RECTIFIER
More results


Similar Description - 1S30

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SM520B SECOS-SM520B_12 Datasheet
403Kb / 2P
Voltage 20V ~ 60V 5.0 Amp Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS120P WILLAS-SCS120P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SK12AF WILLAS-SK12AF Datasheet
306Kb / 2P
1.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
First Silicon Co., Ltd
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK22A FS-SK22A Datasheet
189Kb / 3P
VOLTAGE 20V ~ 60V 2.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com