Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7721 Datasheet (PDF) - Cadeka Microcircuits LLC.

SPT7721 Datasheet PDF - Cadeka Microcircuits LLC.
Part # SPT7721
Download  SPT7721 Download
File Size   192.78 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS

SPT7721 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPT7721 Datasheet PDF - Cadeka Microcircuits LLC.

Part # SPT7721
Download  SPT7721 Click to download

File Size   192.78 Kbytes
Page   11 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description 8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS

SPT7721 Datasheet (HTML) - Cadeka Microcircuits LLC.


SPT7721 Product details

GENERAL DESCRIPTION
The SPT7721 is a high-speed, 8-bit analog-to-digital converter implemented in an advanced BiCMOS process. An advanced folding and interpolating architecture provides both a high conversion rate and very low power dissipation of only 310 mW. The analog inputs can be operated in either single-ended or differential input mode. A 2.5 V common mode reference is provided on chip for the single-ended input mode to minimize external components.

FEATURES
• TTL/CMOS/PECL compatible
• High conversion rate: 250 MSPS
• Single +5 V power supply
• Very low power dissipation: 310 mW
• Power-down mode
• +3.0 V/+5.0 V (LVCMOS) digital output logic compatibility
• Demuxed output ports

APPLICATIONS
• RGB video processing
• Digital communications
• High-speed instrumentation
• Projection display systems




Similar Part No. - SPT7721

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
SPT7721SIT FAIRCHILD-SPT7721SIT Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results


Similar Description - SPT7721

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
DUAL 8 BIT 500 MSPS ADC
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com