Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7721 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # SPT7721
Description  8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7721 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  SPT7721 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
SPT7721
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
TECHNICAL DATA
NOVEMBER 8, 2001
GENERAL DESCRIPTION
The SPT7721 is a high-speed, 8-bit analog-to-digital con-
verter implemented in an advanced BiCMOS process. An
advanced folding and interpolating architecture provides
both a high conversion rate and very low power dissipation
of only 310 mW. The analog inputs can be operated in
either single-ended or differential input mode. A 2.5 V com-
mon mode reference is provided on chip for the single-
ended input mode to minimize external components.
The SPT7721 digital outputs are demuxed (double-wide)
with both dual-channel and single-channel selectable out-
put modes. Demuxed mode supports either parallel
aligned or interleaved data output. The output logic is both
+3.0 V and +5.0 V compatible. The SPT7721 is available in
a 44-lead TQFP surface mount package over the industrial
temperature range of –40 to +85 °C.
APPLICATIONS
• RGB video processing
• Digital communications
• High-speed instrumentation
• Projection display systems
FEATURES
• TTL/CMOS/PECL compatible
• High conversion rate: 250 MSPS
• Single +5 V power supply
• Very low power dissipation: 310 mW
• Power-down mode
• +3.0 V/+5.0 V (LVCMOS) digital output logic
compatibility
• Demuxed output ports
8-Bit
250 MSPS
ADC
CLK CLK
DB0–DB7
Common Mode
Voltage
Reference
+2.5 V
VCM
AVCC
OVDD
AGND
DGND
DA0–DA7
PD
CLK CLK Reset
&
VIN+
VIN–
DCLKOUT
DCLKOUT
Data Output
Mode Control
DMODE1,2
2
2
Reset
BLOCK DIAGRAM


Similar Part No. - SPT7721

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
SPT7721SIT FAIRCHILD-SPT7721SIT Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
More results

Similar Description - SPT7721

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
SPT7721 FAIRCHILD-SPT7721 Datasheet
103Kb / 11P
8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
SPT7722 FAIRCHILD-SPT7722 Datasheet
217Kb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs
logo
NXP Semiconductors
TDA8757 PHILIPS-TDA8757 Datasheet
895Kb / 37P
Triple 8-bit ADC 170 Msps
Rev. 07-28 February 2002
logo
ATMEL Corporation
AT84AD004 ATMEL-AT84AD004 Datasheet
1,023Kb / 58P
DUAL 8 BIT 500 MSPS ADC
TS8308500 ATMEL-TS8308500 Datasheet
491Kb / 50P
ADC 8-bit 500 Msps
logo
Texas Instruments
ADS5525 TI-ADS5525 Datasheet
806Kb / 48P
12-BIT, 170 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS5547 TI-ADS5547 Datasheet
1Mb / 50P
14-BIT, 210 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
logo
Cadeka Microcircuits LL...
CDK1300 CADEKA-CDK1300 Datasheet
2Mb / 12P
8-bit, 250 MSPS ADC with Demuxed Outputs
CDK1301 CADEKA-CDK1301 Datasheet
2Mb / 12P
8-bit, 250 MSPS A/D Converter with Demuxed Outputs REV 1A
logo
Texas Instruments
ADS62P19 TI-ADS62P19 Datasheet
1Mb / 65P
Dual-Channel, 11-Bit, 250-MSPS ADC With DDR LVDS and Parallel CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com