Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7721 Datasheet(PDF) 4 Page - Cadeka Microcircuits LLC.

Part # SPT7721
Description  8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7721 Datasheet(HTML) 4 Page - Cadeka Microcircuits LLC.

  SPT7721 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
11/8/01
SPT7721
TYPICAL PERFORMANCE CHARACTERISTICS
AC Performance vs Temperature
–40
–20
0
20
40
60
80
35
40
45
50
55
60
Temperature (°C)
SFDR
–THD
SNR
30
100
SINAD
ƒIN = 70 MHz
0
35
40
45
50
55
60
Sample Rate (MSPS)
30
50
100
150
200
250
300
SINAD
SNR
–THD
SFDR
ƒIN = 70 MHz
AC Performance vs Sample Rate
AVCC Current vs Temperature
–40
–20
0
20
40
60
80
50
55
60
65
70
Temperature (°C)
45
100
75
AVCC Current Power Down vs Temperature
–40
–20
0
20
40
60
80
2.2
2.4
2.6
2.8
3.0
Temperature (°C)
2.0
100
Voltage Offset Error vs Temperature
Percent Gain Error vs Temperature
–40
–20
0
20
40
60
80
–4.0
–2.0
0.0
2.0
4.0
6.0
Temperature (°C)
–6.0
100
–40
–20
0
20
40
60
80
1.01
1.02
1.03
1.04
1.05
Temperature (°C)
1.00
100
%
1.06



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com