Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7721 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # SPT7721
Description  8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7721 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button SPT7721 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 9Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
11/8/01
SPT7721
THEORY OF OPERATION
The SPT7721 is a three-step subranger. It consists of two
THAs in series at the input, followed by three ADC blocks.
The first block is a three-bit folder with over/under range
detection. The second block consists of two single-bit fold-
ing interpolator stages. There are pipelining THAs between
each ADC block.
The analog decode functions are the input buffer, input
THAs, three-bit folder, folding interpolators, and pipelining
THAs. The input buffer enables the part to withstand rail-
to-rail input signals without latchup or excessive currents
and also performs single-ended to differential conversion.
All of the THAs have the same basic architecture. Each
has a differential pair buffer followed by switched emitter
followers driving the hold capacitors. The input THA also
has hold mode feedthrough cancellation devices.
The three MSBs of the ADC are generated in the first
three-bit folder block, the output of which drives a differen-
tial reference ladder which also sets the full-scale input
range. Differential pairs at the ladder taps generate
midscale, quarter and three-quarter scale, overrange, and
underrange. Every other differential pair collector is cross-
coupled to generate the eighth scale zero crossings. The
middle ADC block generates two bits from the folded sig-
nals of the previous stages after pipeline THAs. Its outputs
drive more pipeline THAs to push the decoding of the three
LSBs to the next half clock cycle. The three LSBs are gen-
erated in interpolators that are latched one full clock cycle
after the MSBs.
The digital decode consists of comparators, exclusive of
cells for gray to binary decoding, and/or cells used for
mostly over/under range logic. There is a total of 3.5 clock
cycles latency before the output bank selection. In order to
reduce sparkle codes and maintain sample rate, no more
than three bits at a time are decoded in any half clock
cycle.
The output data mode is controlled by the state of the
demux mode inputs. There are three output modes.
• All data on bank A with clock rate limited to one-half
maximum
• Interleaved mode with data alternately on banks A and
B on alternate clock cycles
• Parallel mode with bank A delayed one cycle to be
synchronous with bank B every other clock cycle
If necessary, the input clock is divided by two. The divided
clock selects the correct output bank. The user can syn-
chronize with the divided clock to select the desired output
bank via the differential RESET input.
The output logic family is LVCMOS with output VDD supply
adjustable from 2.7 volts to 5.3 volts. There are also differ-
ential clock output pins that can be used to latch the output
data in single bank mode or to indicate the current output
bank in demux mode.
Finally, a power-down mode is available, which causes the
outputs to become tri-state, and overall power is reduced
to about 10 mW. There is a 2.5 V reference to supply com-
mon mode for single-ended inputs that is not shut down in
power-down mode.
Figure 1 – Single Mode Timing Diagram
VIN
N–1
N–2
N–3
N
CLK
/CLK
D0–D7
(Port A)
/DCLKOUT
DCLKOUT
N+2
2.5 CLK Cycles of Latency
tap
N+4
N+5
N+3
N+2
N
N+1
tpd2
tpd2
tpd1
N+1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com