Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPT7721 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # SPT7721
Description  8-BIT, 250 MSPS ADC WITH DEMUXED OUTPUTS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

SPT7721 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  SPT7721 Datasheet HTML 1Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 2Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 3Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 4Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 5Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 6Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 7Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 8Page - Cadeka Microcircuits LLC. SPT7721 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
11/8/01
SPT7721
TYPICAL PERFORMANCE CHARACTERISTICS
Input Bandwidth
Common-Mode Reference Voltage vs VCC
0
–2
–1
0
1
Input Frequency (MHz)
–3
100
200
300
400
500
600
–4
–5
4.5
2.42
2.45
2.48
2.50
VCC V
2.40
4.7
4.9
5.1
5.3
5.5
2.41
2.43
2.44
2.49
2.46
2.47
5.7
Total Power vs Clock Frequency
with 6 pF loads
0
400
500
600
700
800
300
50
100
150
200
250
300
Clock Frequency (MHz)
OVDD=5 V
1000
OVDD=3 V
OVDD Current vs Clock Frequency, Dual Mode
0
20
40
60
80
100
120
Clock Frequency (MHz)
0
50
100
150
200
250
300
Output VDD=3 V
Output VDD=5 V
OVDD Current vs Clock Frequency, Single Mode
0
10
20
30
40
50
60
Clock Frequency (MHz)
0
25
50
75
100
125
150
Output VDD=3 V
Output VDD=5 V
–40
–20
0
20
40
60
80
1
2
3
4
5
6
Temperature (°C)
0
100
–50
Common-Mode Operating Range
Differential Input Common-Mode Operating Range
400 mVP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com