Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K170 Datasheet (PDF) - TOKO, Inc

K170 Datasheet PDF - TOKO, Inc
Part # K170
Download  K170 Download
File Size   47.87 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW VOLTAGE OPERATIONAL AMPLIFIER

K170 Datasheet (PDF)

Go To PDF Page Download Datasheet
K170 Datasheet PDF - TOKO, Inc

Part # K170
Download  K170 Click to download

File Size   47.87 Kbytes
Page   8 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description LOW VOLTAGE OPERATIONAL AMPLIFIER

K170 Datasheet (HTML) - TOKO, Inc


K170 Product details

DESCRIPTION
The TK17010 is a single-supply operational amplifier capable of operating from a very low and very wide supply voltage range (VCC = 1.0 to 7 V). With its rail-to-rail structures, the input signal circuit can accept a very wide input voltage range (VIN = 0 to 1.4 VP-P). The TK17010 can also provide a very large output signal (VOUT(MAX) = 1.4 VP-P) while operating from a single 1.5 volt supply. This makes the TK17010 ideal for battery-operated equipment.
The TK17010 is available in the very small SOT23L-6 Surface Mount Package.

FEATURES
■ Very Low and Wide Operating Voltage Range (VOP = 1.0 to 7 V)
■ Very Wide Input Signal Voltage Range (VIN = 0 V to 1.4 VP-P)
■ Very Large Output Signal (VOUT(MAX) = 1.4 VP-P)
■ Very Large Output (Source) Current (IOUT(MAX) = 660 µA)
■ Very Small SOT23L-6 Package

APPLICATIONS
■ Battery-Powered Equipment




Similar Part No. - K170

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
K170 TOSHIBA-K170 Datasheet
218Kb / 4P
FET, Silicon N Channel Junction Type(for Low Noise Audio Amplifier)
logo
Integrated Circuit Syst...
K170 ICST-K170 Datasheet
44Kb / 4P
Low EMI Clock Generator
Revision 062599
logo
Amphenol Corporation
K170 AMPHENOL-K170 Datasheet
46Kb / 2P
Ice Point Reference
K170 AMPHENOL-K170 Datasheet
84Kb / 2P
Eispunkt-Referenz
logo
Toshiba Semiconductor
K170 TOSHIBA-K170 Datasheet
644Kb / 5P
Silicon N Channel Junction Type Low Noise Audio Amplifier Applications
More results


Similar Description - K170

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5230 PHILIPS-NE5230 Datasheet
189Kb / 17P
Low voltage operational amplifier
1994 Aug 31
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07 Datasheet
66Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX400 MAXIM-MAX400 Datasheet
151Kb / 4P
Ultra Low Offset Voltage Operational Amplifier
Rev 0; 1988
OP07 MAXIM-OP07 Datasheet
262Kb / 8P
Low Offset Voltage Operational Amplifier
Rev 1; 8/95
OP90 MAXIM-OP90 Datasheet
234Kb / 8P
Precision Low Voltage Micropower Operational Amplifier
19-2478 10/89
logo
Analog Devices
OP490 AD-OP490 Datasheet
1Mb / 16P
Low Voltage Micropower Quad Operational Amplifier
4/02-REV.C
logo
ON Semiconductor
NE5230 ONSEMI-NE5230 Datasheet
245Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
logo
TAITRON Components Inco...
LMV358 TAITRON-LMV358 Datasheet
1Mb / 18P
Dual Low Voltage Operational Amplifier
logo
Advanced Monolithic Sys...
AMSOP-07 ADMOS-AMSOP-07_1 Datasheet
62Kb / 6P
LOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
NE5230 ONSEMI-NE5230_10 Datasheet
211Kb / 18P
Low Voltage Operational Amplifier
August, 2010 ??Rev. 5
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com